Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

R5F64188HPFB Datasheet(PDF) 93 Page - Renesas Technology Corp

Part No. R5F64188HPFB
Description  RENESAS MCU
Download  126 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RENESAS [Renesas Technology Corp]
Homepage  http://www.renesas.com
Logo 

R5F64188HPFB Datasheet(HTML) 93 Page - Renesas Technology Corp

Zoom Inzoom in Zoom Outzoom out
 93 / 126 page
background image
REJ03B0255-0110
Rev.1.10
Page 93 of 123
Jun 23, 2010
R32C/118 Group
5. Electrical Characteristics
VCC =5V
Notes:
1.
Pins
INT6 to INT8 are available in the 144-pin package only.
2.
Ports P9_0, P9_2, and P11 to P15 are available in the 144-pin package only. Port P9_1 is designated
as input pin in the 100-pin package.
Table 5.16
Electrical Characteristics (2/3)
(VCC = 4.2 to 5.5 V, VSS =0V, Ta =Topr, and f(CPU) = 64 MHz, unless otherwise noted)
Symbol
Characteristic
Measurement
condition
Value
Unit
Min. Typ. Max.
VT+ - VT- Hysteresis HOLD, RDY, NMI, INT0 to INT8, KI0 to KI3,
TA0IN to TA4IN, TA0OUT to TA4OUT,
TB0IN to TB5IN,
CTS0 to CTS8,
CLK0 to CLK8, RXD0 to RXD8,
SCL0 to SCL6, SDA0 to SDA6,
SS0 to SS6,
SRXD0 to SRXD6,
ADTRG, IIO0_0 to IIO0_7,
IIO1_0 to IIO1_7, UD0A, UD0B, UD1A,
UD1B, ISCLK2, ISRXD2, IEIN, CAN0IN,
CAN1IN,
CAN0WU, CAN1WU (1)
0.2
1.0
V
RESET
0.2
1.8
V
IIH
High level
input
current
XIN,
RESET, CNVSS, NSD,
P0_0 to P0_7, P1_0 to P1_7, P2_0 to P2_7,
P3_0 to P3_7, P4_0 to P4_7, P5_0 to P5_7,
P6_0 to P6_7, P7_0 to P7_7, P8_0 to P8_7,
P9_0 to P9_7, P10_0 to P10_7,
P11_0 to P11_4, P12_0 to P12_7,
P13_0 to P13_7, P14_1, P14_3 to P14_6,
P15_0 to P15_7 (2)
VI = 5 V
5.0
µA
IIL
Low level
input
current
XIN,
RESET, CNVSS, NSD,
P0_0 to P0_7, P1_0 to P1_7, P2_0 to P2_7,
P3_0 to P3_7, P4_0 to P4_7, P5_0 to P5_7,
P6_0 to P6_7, P7_0 to P7_7, P8_0 to P8_7,
P9_0 to P9_7, P10_0 to P10_7,
P11_0 to P11_4, P12_0 to P12_7,
P13_0 to P13_7, P14_1, P14_3 to P14_6,
P15_0 to P15_7 (2)
VI = 0 V
-5.0 µA
RPULLUP Pull-up
resistor
P0_0 to P0_7, P1_0 to P1_7, P2_0 to P2_7,
P3_0 to P3_7, P5_0 to P5_3, P8_4, P8_6,
P8_7, P9_0 to P9_7, P10_0 to P10_7,
P11_0 to P11_4, P12_0 to P12_7,
P13_0 to P13_7, P14_1, P14_3 to P14_6,
P15_0 to P15_7 (2)
VI = 0 V
30
50
170 k
Ω
RfXIN
Feedback
resistor
XIN
1.5
M
Ω
RfXCIN
Feedback
resistor
XCIN
15
M
Ω


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn