Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

R5F64188HPFB Datasheet(PDF) 92 Page - Renesas Technology Corp

Part No. R5F64188HPFB
Description  RENESAS MCU
Download  126 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RENESAS [Renesas Technology Corp]
Homepage  http://www.renesas.com
Logo 

R5F64188HPFB Datasheet(HTML) 92 Page - Renesas Technology Corp

Zoom Inzoom in Zoom Outzoom out
 92 / 126 page
background image
REJ03B0255-0110
Rev.1.10
Page 92 of 123
Jun 23, 2010
R32C/118 Group
5. Electrical Characteristics
VCC =5V
Note:
1.
Ports P9_0, P9_2, and P11 to P15 are available in the 144-pin package only. Port P9_1 is designated
as input pin in the 100-pin package.
Table 5.15
Electrical Characteristics (1/3)
(VCC = 4.2 to 5.5 V, VSS =0V, Ta =Topr, and f(CPU) = 64 MHz, unless otherwise noted)
Symbol
Characteristic
Measurement
condition
Value
Unit
Min.
Typ. Max.
VOH
High
level
output
voltage
P0_0 to P0_7, P1_0 to P1_7, P2_0 to P2_7,
P3_0 to P3_7, P4_0 to P4_7, P5_0 to P5_7,
P6_0 to P6_7, P7_0 to P7_7, P8_0 to P8_4,
P8_6, P8_7, P9_0 to P9_7,
P10_0toP10_7, P11_0toP11_4,
P12_0 to P12_7, P13_0 to P13_7,
P14_3 to P14_6, P15_0 to P15_7 (1)
IOH = -5 mA VCC - 2.0
VCC
V
P0_0 to P0_7, P1_0 to P1_7, P2_0 to P2_7,
P3_0 to P3_7, P4_0 to P4_7, P5_0 to P5_7,
P6_0 to P6_7, P7_0 to P7_7, P8_0 to P8_4,
P8_6, P8_7, P9_0 to P9_7,
P10_0toP10_7, P11_0toP11_4,
P12_0 to P12_7, P13_0 to P13_7,
P14_3 to P14_6, P15_0 to P15_7 (1)
IOH = -200 µA VCC - 0.3
VCC
V
VOL
Low
level
output
voltage
P0_0 to P0_7, P1_0 to P1_7, P2_0 to P2_7,
P3_0 to P3_7, P4_0 to P4_7, P5_0 to P5_7,
P6_0 to P6_7, P7_0 to P7_7, P8_0 to P8_4,
P8_6, P8_7, P9_0 to P9_7,
P10_0toP10_7, P11_0toP11_4,
P12_0 to P12_7, P13_0 to P13_7,
P14_3 to P14_6, P15_0 to P15_7 (1)
IOL = 5 mA
2.0
V
P0_0 to P0_7, P1_0 to P1_7, P2_0 to P2_7,
P3_0 to P3_7, P4_0 to P4_7, P5_0 to P5_7,
P6_0 to P6_7, P7_0 to P7_7, P8_0 to P8_4,
P8_6, P8_7, P9_0 to P9_7,
P10_0toP10_7, P11_0toP11_4,
P12_0 to P12_7, P13_0 to P13_7,
P14_3 to P14_6, P15_0 to P15_7 (1)
IOL = 200 µA
0.45
V


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn