Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

R5F64188HPFB Datasheet(PDF) 91 Page - Renesas Technology Corp

Part No. R5F64188HPFB
Description  RENESAS MCU
Download  126 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RENESAS [Renesas Technology Corp]
Homepage  http://www.renesas.com
Logo 

R5F64188HPFB Datasheet(HTML) 91 Page - Renesas Technology Corp

Zoom Inzoom in Zoom Outzoom out
 91 / 126 page
background image
REJ03B0255-0110
Rev.1.10
Page 91 of 123
Jun 23, 2010
R32C/118 Group
5. Electrical Characteristics
Timing Requirements (VCC = 3.0 to 5.5 V, VSS = 0 V, and Ta = Topr, unless otherwise noted)
Figure 5.5
Flash Memory CPU Rewrite Mode Timing
Table 5.14
Flash Memory CPU Rewrite Mode Timing
Symbol
Characteristics
Value
Unit
Min.
Max.
tcR
Read cycle time
200
ns
tsu(S-R)
Chip-select setup time for read
200
ns
th(R-S)
Chip-select hold time after read
0ns
tsu(A-R)
Address setup time for read
200
ns
th(R-A)
Address hold time after read
0ns
tw(R)
Read pulse width
100
ns
tcW
Write cycle time
200
ns
tsu(S-W)
Chip-select setup time for write
0ns
th(W-S)
Chip-select hold time after write
30
ns
tsu(A-W)
Address setup time for write
0ns
th(W-A)
Address hold time after write
30
ns
tw(W)
Write pulse width
50
ns
Chip select
Address
RD
t h(R-S)
Read cycle
t w(R)
t su(S-R)
t h(R-A)
t su(A-R)
Write cycle
Chip select
Address
WR
t h(W-S)
t w(W)
t su(S-W)
t h(W-A)
t su(A-W)
t cW
t cR


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn