Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

R5F64188HPFB Datasheet(PDF) 90 Page - Renesas Technology Corp

Part No. R5F64188HPFB
Description  RENESAS MCU
Download  126 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RENESAS [Renesas Technology Corp]
Homepage  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F64188HPFB Datasheet(HTML) 90 Page - Renesas Technology Corp

Back Button R5F64188HPFB Datasheet HTML 86Page - Renesas Technology Corp R5F64188HPFB Datasheet HTML 87Page - Renesas Technology Corp R5F64188HPFB Datasheet HTML 88Page - Renesas Technology Corp R5F64188HPFB Datasheet HTML 89Page - Renesas Technology Corp R5F64188HPFB Datasheet HTML 90Page - Renesas Technology Corp R5F64188HPFB Datasheet HTML 91Page - Renesas Technology Corp R5F64188HPFB Datasheet HTML 92Page - Renesas Technology Corp R5F64188HPFB Datasheet HTML 93Page - Renesas Technology Corp R5F64188HPFB Datasheet HTML 94Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 126 page
background image
REJ03B0255-0110
Rev.1.10
Page 90 of 123
Jun 23, 2010
R32C/118 Group
5. Electrical Characteristics
Note:
1.
This value is applicable only when the main clock oscillation is stable.
Note:
1.
This recovery time does not include the period until the main clock oscillator is stabilized. The CPU
starts operating before the oscillator is stabilized.
Figure 5.4
Clock Circuit Timing
Table 5.12
Electrical Characteristics of Oscillator
(VCC = 3.0 to 5.5 V, VSS = 0 V, and Ta =Topr, unless otherwise noted)
Symbol
Characteristics
Measurement
condition
Value
Unit
Min.
Typ. Max.
fSO(PLL)
PLL clock self-oscillation frequency
35
50
65
MHz
tLOCK(PLL) PLL lock time (1)
1ms
tjitter(p-p)
PLL jitter period (p-p)
2.0
ns
f(OCO)
On-chip oscillator frequency
62.5
125
250
kHz
Table 5.13
Electrical Characteristics of Clock Circuitry
(VCC = 3.0 to 5.5 V, VSS = 0 V, and Ta =Topr, unless otherwise noted)
Symbol
Characteristics
Measurement
condition
Value
Unit
Min.
Typ. Max.
trec(WAIT) Recovery time from wait mode to low power mode
225
µs
trec(STOP) Recovery time from stop mode (1)
225
µs
t rec(STOP)
Interrupt for exiting
stop mode
CPU clock
Main clock oscillator
output
On-chip oscillator
output
Sub clock oscillator
output
On-chip oscillator
output
t rec(WAIT)
Interrupt for exiting
wait mode
CPU clock
Recovery time from stop mode
t rec(STOP)
Recovery time from wait mode
to low power mode
t rec(WAIT)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn