Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

R5F64188HPFB Datasheet(PDF) 89 Page - Renesas Technology Corp

Part No. R5F64188HPFB
Description  RENESAS MCU
Download  126 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RENESAS [Renesas Technology Corp]
Homepage  http://www.renesas.com
Logo 

R5F64188HPFB Datasheet(HTML) 89 Page - Renesas Technology Corp

Zoom Inzoom in Zoom Outzoom out
 89 / 126 page
background image
REJ03B0255-0110
Rev.1.10
Page 89 of 123
Jun 23, 2010
R32C/118 Group
5. Electrical Characteristics
Figure 5.3
Power Supply Circuit Timing
Table 5.9
Power Supply Circuit Timing Characteristics
(VCC = 3.0 to 5.5 V, VSS = 0 V, and Ta =Topr, unless otherwise noted)
Symbol
Characteristic
Measurement
condition
Value
Unit
Min. Typ. Max.
td(P-R)
Internal power supply start-up stabilization
time after the main power supply is turned on
2ms
Table 5.10
Electrical Characteristics of Voltage Regulator for Internal Logic
(VCC = 3.0 to 5.5 V, VSS = 0 V, and Ta =Topr, unless otherwise noted)
Symbol
Characteristics
Measurement
condition
Value
Unit
Min.
Typ. Max.
VVDC1
Output voltage
1.5
V
Table 5.11
Electrical Characteristics of Low Voltage Detector
(VCC = 4.2 to 5.5 V, VSS = 0 V, and Ta =Topr, unless otherwise noted)
Symbol
Characteristics
Measurement
condition
Value
Unit
Min.
Typ. Max.
ΔVdet
Detected voltage error
±0.3
V
Vdet(R)-Vdet(F) Hysteresis width
0
V
Self-consuming current
VCC = 5.0 V, low voltage
detector enabled
4µA
td(E-A)
Operation start time of low voltage detector
150
µs
t d(P-R)
VCC
PLL oscillator-
output waveform
Internal power supply start-up
stabilization time after the main
power supply is turned on
Recommended
operating voltage
t d(P-R)
Supply voltage for
internal logic


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn