Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

R5F64188HPFB Datasheet(PDF) 88 Page - Renesas Technology Corp

Part No. R5F64188HPFB
Description  RENESAS MCU
Download  126 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RENESAS [Renesas Technology Corp]
Homepage  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F64188HPFB Datasheet(HTML) 88 Page - Renesas Technology Corp

Back Button R5F64188HPFB Datasheet HTML 84Page - Renesas Technology Corp R5F64188HPFB Datasheet HTML 85Page - Renesas Technology Corp R5F64188HPFB Datasheet HTML 86Page - Renesas Technology Corp R5F64188HPFB Datasheet HTML 87Page - Renesas Technology Corp R5F64188HPFB Datasheet HTML 88Page - Renesas Technology Corp R5F64188HPFB Datasheet HTML 89Page - Renesas Technology Corp R5F64188HPFB Datasheet HTML 90Page - Renesas Technology Corp R5F64188HPFB Datasheet HTML 91Page - Renesas Technology Corp R5F64188HPFB Datasheet HTML 92Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 126 page
background image
REJ03B0255-0110
Rev.1.10
Page 88 of 123
Jun 23, 2010
R32C/118 Group
5. Electrical Characteristics
Notes:
1.
Program/erase definition
This value represents the number of erasures per block.
If the flash memory is programmed/erased n times, each block can be erased n times.
i.e. If 4-word write is performed in 512 different addresses in the block A of 4 Kbyte and then the
block is erased, it is considered the programming/erasure is performed just once.
However a write in the same address more than once for one erasure is disabled (overwrite
disabled).
2.
The data retention time includes the periods when the supply voltage is not applied and no clock is
provided.
3.
Please contact a Renesas Electronics sales office regarding data retention time other than the
above.
Table 5.7
RAM Electrical Characteristics
(VCC = 3.0 to 5.5 V, VSS =0V, and Ta = Topr, unless otherwise noted)
Symbol
Characteristic
Measurement
condition
Value
Unit
Min.
Typ.
Max.
VRDR
RAM data retention voltage
in stop mode
2.0
V
Table 5.8
Flash Memory Electrical Characteristics
(VCC = 3.0 to 5.5 V, VSS =0V, and Ta = Topr, unless otherwise noted)
Symbol
Characteristic
Value
Unit
Min.
Typ.
Max.
Programming and erasure endurance of flash
memory (1)
Program area
1000
times
Data area
10000
times
4-word program time
Program area
150
900
µs
Data area
300
1700
µs
Lock bit-program time
Program area
70
500
µs
Data area
140
1000
µs
Block erasure time
4 Kbyte block
0.12
3.0
s
32 Kbyte block
0.17
3.0
s
64 Kbyte block
0.20
3.0
s
Data retention (2)
Ta = 55°C (3)
10
years


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn