Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

R5F64188HPFB Datasheet(PDF) 87 Page - Renesas Technology Corp

Part No. R5F64188HPFB
Description  RENESAS MCU
Download  126 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RENESAS [Renesas Technology Corp]
Homepage  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F64188HPFB Datasheet(HTML) 87 Page - Renesas Technology Corp

Back Button R5F64188HPFB Datasheet HTML 83Page - Renesas Technology Corp R5F64188HPFB Datasheet HTML 84Page - Renesas Technology Corp R5F64188HPFB Datasheet HTML 85Page - Renesas Technology Corp R5F64188HPFB Datasheet HTML 86Page - Renesas Technology Corp R5F64188HPFB Datasheet HTML 87Page - Renesas Technology Corp R5F64188HPFB Datasheet HTML 88Page - Renesas Technology Corp R5F64188HPFB Datasheet HTML 89Page - Renesas Technology Corp R5F64188HPFB Datasheet HTML 90Page - Renesas Technology Corp R5F64188HPFB Datasheet HTML 91Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 126 page
background image
REJ03B0255-0110
Rev.1.10
Page 87 of 123
Jun 23, 2010
R32C/118 Group
5. Electrical Characteristics
Note:
1.
The device is operationally guaranteed under these operating conditions.
Figure 5.2
Ripple Waveform
Table 5.6
Operating Conditions (5/5)
(VCC = 3.0 to 5.5 V, VSS = 0 V, and Ta =Topr, unless otherwise noted) (1)
Symbol
Characteristic
Value
Unit
Min.
Typ.
Max.
Vr(VCC)
Allowable ripple voltage
VCC = 5.0 V
0.5
Vp-p
VCC = 3.0 V
0.3
Vp-p
dVr(VCC)/dt Ripple voltage gradient
VCC = 5.0 V
±0.3
V/ms
VCC = 3.0 V
±0.3
V/ms
fr(VCC)
Allowable ripple frequency
10
kHz
VCC
1 / fr(VCC)
Vr(VCC)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn