Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

R5F64188HPFB Datasheet(PDF) 86 Page - Renesas Technology Corp

Part No. R5F64188HPFB
Description  RENESAS MCU
Download  126 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RENESAS [Renesas Technology Corp]
Homepage  http://www.renesas.com
Logo 

R5F64188HPFB Datasheet(HTML) 86 Page - Renesas Technology Corp

Zoom Inzoom in Zoom Outzoom out
 86 / 126 page
background image
REJ03B0255-0110
Rev.1.10
Page 86 of 123
Jun 23, 2010
R32C/118 Group
5. Electrical Characteristics
Note:
1.
The device is operationally guaranteed under these operating conditions.
Figure 5.1
Clock Cycle Time
Table 5.5
Operating Conditions (4/5)
(VCC = 3.0 to 5.5 V, VSS = 0 V, and Ta =Topr, unless otherwise noted) (1)
Symbol
Characteristic
Value
Unit
Min.
Typ.
Max.
f(XIN)
Main clock oscillator frequency
416
MHz
f(XRef)
Reference clock frequency
24
MHz
f(PLL)
PLL clock oscillator frequency
96
128
MHz
f(Base)
Base clock frequency
High speed
64
MHz
Normal speed
50
MHz
tc(Base)
Base clock cycle time
High speed
15.625
ns
Normal speed
20
ns
f(CPU)
CPU operating frequency
High speed
64
MHz
Normal speed
50
MHz
tc(CPU)
CPU clock cycle time
High speed
15.625
ns
Normal speed
20
ns
f(BCLK)
Peripheral bus clock operating frequency High speed
32
MHz
Normal speed
25
MHz
tc(BCLK)
Peripheral bus clock cycle time
High speed
31.25
ns
Normal speed
40
ns
f(PER)
Peripheral clock source frequency
32
MHz
f(XCIN)
Sub clock oscillator frequency
32.768
62.5
kHz
Base clock
(Internal signal)
t c(Base)
Peripheral bus clock
(Internal signal)
t c(BCLK)
CPU clock
(Internal signal)
t c(CPU)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn