Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

R5F64188HPFB Datasheet(PDF) 85 Page - Renesas Technology Corp

Part No. R5F64188HPFB
Description  RENESAS MCU
Download  126 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RENESAS [Renesas Technology Corp]
Homepage  http://www.renesas.com
Logo 

R5F64188HPFB Datasheet(HTML) 85 Page - Renesas Technology Corp

Zoom Inzoom in Zoom Outzoom out
 85 / 126 page
background image
REJ03B0255-0110
Rev.1.10
Page 85 of 123
Jun 23, 2010
R32C/118 Group
5. Electrical Characteristics
Notes:
1.
The device is operationally guaranteed under these operating conditions.
2.
The following conditions should be satisfied:
• The sum of IOL(peak) of ports P0, P1, P2, P8_6, P8_7, P9, P10, P11, P14, and P15 is 80 mA or less.
• The sum of IOL(peak) of ports P3, P4, P5, P6, P7, P8_0 to P8_4, P12, and P13 is 80 mA or less.
• The sum of IOH(peak) of ports P0, P1, P2, and P11 is -40 mA or less.
• The sum of IOH(peak) of ports P8_6, P8_7, P9, P10, P14, and P15 is -40 mA or less.
• The sum of IOH(peak) of ports P3, P4, P5, P12, and P13 is -40 mA or less.
• The sum of IOH(peak) of ports P6, P7, and P8_0 to P8_4 is -40 mA or less.
3.
Ports P9_0, P9_2, and P11 to P15 are available in the 144-pin package only. Port P9_1 is designated
as input pin in the 100-pin package.
4.
Average value within 100 ms.
Table 5.4
Operating Conditions (3/5)
(VCC = 3.0 to 5.5 V, VSS = 0 V, and Ta =Topr, unless otherwise noted) (1)
Symbol
Characteristic
Value
Unit
Min.
Typ.
Max.
IOH(peak) High level
peak
output
current (2)
P0_0 to P0_7, P1_0 to P1_7, P2_0 to P2_7,
P3_0 to P3_7, P4_0 to P4_7, P5_0 to P5_7,
P6_0 to P6_7, P7_0 to P7_7, P8_0 to P8_4, P8_6,
P8_7, P9_0 to P9_7, P10_0 to P10_7,
P11_0 to P11_4, P12_0 to P12_7, P13_0 to P13_7,
P14_3 to P14_6, P15_0 to P15_7 (3)
-10.0
mA
IOH(avg) High level
average
output
current (4)
P0_0 to P0_7, P1_0 to P1_7, P2_0 to P2_7,
P3_0 to P3_7, P4_0 to P4_7, P5_0 to P5_7,
P6_0 to P6_7, P7_0 to P7_7, P8_0 to P8_4, P8_6,
P8_7, P9_0 to P9_7, P10_0 to P10_7,
P11_0 to P11_4, P12_0 to P12_7, P13_0 to P13_7,
P14_3 to P14_6, P15_0 to P15_7 (3)
-5.0
mA
IOL(peak) Low level
peak
output
current (2)
P0_0 to P0_7, P1_0 to P1_7, P2_0 to P2_7,
P3_0 to P3_7, P4_0 to P4_7, P5_0 to P5_7,
P6_0 to P6_7, P7_0 to P7_7, P8_0 to P8_4, P8_6,
P8_7, P9_0 to P9_7, P10_0 to P10_7,
P11_0 to P11_4, P12_0 to P12_7, P13_0 to P13_7,
P14_3 to P14_6, P15_0 to P15_7 (3)
10.0
mA
IOL(avg) Low level
average
output
current (4)
P0_0 to P0_7, P1_0 to P1_7, P2_0 to P2_7,
P3_0 to P3_7, P4_0 to P4_7, P5_0 to P5_7,
P6_0 to P6_7, P7_0 to P7_7, P8_0 to P8_4, P8_6,
P8_7, P9_0 to P9_7, P10_0 to P10_7,
P11_0 to P11_4, P12_0 to P12_7, P13_0 to P13_7,
P14_3 to P14_6, P15_0 to P15_7 (3)
5.0
mA


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn