Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

R5F64188HPFB Datasheet(PDF) 83 Page - Renesas Technology Corp

Part No. R5F64188HPFB
Description  RENESAS MCU
Download  126 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RENESAS [Renesas Technology Corp]
Homepage  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F64188HPFB Datasheet(HTML) 83 Page - Renesas Technology Corp

Back Button R5F64188HPFB Datasheet HTML 79Page - Renesas Technology Corp R5F64188HPFB Datasheet HTML 80Page - Renesas Technology Corp R5F64188HPFB Datasheet HTML 81Page - Renesas Technology Corp R5F64188HPFB Datasheet HTML 82Page - Renesas Technology Corp R5F64188HPFB Datasheet HTML 83Page - Renesas Technology Corp R5F64188HPFB Datasheet HTML 84Page - Renesas Technology Corp R5F64188HPFB Datasheet HTML 85Page - Renesas Technology Corp R5F64188HPFB Datasheet HTML 86Page - Renesas Technology Corp R5F64188HPFB Datasheet HTML 87Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 126 page
background image
REJ03B0255-0110
Rev.1.10
Page 83 of 123
Jun 23, 2010
R32C/118 Group
5. Electrical Characteristics
Notes:
1.
The device is operationally guaranteed under these operating conditions.
2.
VIH and VIL for P8_7 are specified for P8_7 as a programmable port. These values are not applicable
to P8_7 as XCIN.
3.
Ports P9_0, P9_2, and P11 to P15 are available in the 144-pin package only. Port P9_1 is designated
as input pin in the 100-pin package.
Table 5.2
Operating Conditions (1/5) (1)
Symbol
Characteristic
Value
Unit
Min.
Typ.
Max.
VCC
Digital supply voltage
3.0
5.0
5.5
V
AVCC
Analog supply voltage
VCC
V
VREF
Reference voltage
3.0
VCC
V
VSS
Digital ground voltage
0V
AVSS
Analog ground voltage
0V
dVCC/dt VCC ramp up rate (VCC < 2.0 V)
0.05
V/ms
VIH
High level
input
voltage
XIN,
RESET, CNVSS, NSD, P2_0 to P2_7,
P3_0 to P3_7, P5_0 to P5_3, P8_4 to P8_7 (2),
P9_0 to P9_7, P10_0 to P10_7,
P11_0 to P11_4, P14_1, P14_3 to P14_6,
P15_0 to P15_7 (3)
0.8 × VCC
VCC
V
P4_0 to P4_7, P5_4 to P5_7, P6_0 to P6_7,
P7_0 to P7_7, P8_0 to P8_3
0.8 × VCC
6.0
V
P0_0 to P0_7,
P1_0 to P1_7,
P12_0 to P12_7,
P13_0 to P13_7
(3)
in single-chip mode
0.8 × VCC
VCC
V
in memory expansion mode
or microprocessor mode
0.5 × VCC
VCC
V
VIL
Low level
input
voltage
XIN,
RESET, CNVSS, NSD, P2_0 to P2_7,
P3_0 to P3_7, P4_0 to P4_7, P5_0 to P5_7,
P6_0 to P6_7, P7_0 to P7_7, P8_0 to P8_7 (2),
P9_0 to P9_7, P10_0 to P10_7,
P11_0 to P11_4, P14_1, P14_3 to P14_6,
P15_0 to P15_7 (3)
0
0.2 × VCC
V
P0_0 to P0_7,
P1_0 to P1_7,
P12_0 to P12_7,
P13_0 to P13_7
(3)
in single-chip mode
0
0.2 × VCC
V
in memory expansion mode
or microprocessor mode
0
0.16 × VCC V
Topr
Operating
temperature
range
Version N
-20
85
°C
Version D
-40
85
°C
Version P
-40
85
°C


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn