Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

R5F64188HPFB Datasheet(PDF) 82 Page - Renesas Technology Corp

Part No. R5F64188HPFB
Description  RENESAS MCU
Download  126 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RENESAS [Renesas Technology Corp]
Homepage  http://www.renesas.com
Logo 

R5F64188HPFB Datasheet(HTML) 82 Page - Renesas Technology Corp

Zoom Inzoom in Zoom Outzoom out
 82 / 126 page
background image
REJ03B0255-0110
Rev.1.10
Page 82 of 123
Jun 23, 2010
R32C/118 Group
5. Electrical Characteristics
5.
Electrical Characteristics
Notes:
1.
Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to
the device. This is a stress rating only and functional operation of the device at these or any other
conditions above those indicated in the operational sections of this specification is not implied.
Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
2.
Ports P9_0, P9_2, and P11 to P15 are available in the 144-pin package only. Port P9_1 is designated
as input pin in the 100-pin package.
Table 5.1
Absolute Maximum Ratings (1)
Symbol
Characteristic
Condition
Value
Unit
VCC
Supply voltage
VCC = AVCC
-0.3 to 6.0
V
AVCC
Analog supply voltage
VCC = AVCC
-0.3 to 6.0
V
VI
Input voltage XIN,
RESET, CNVSS, NSD, VREF,
P0_0 to P0_7, P1_0 to P1_7,
P2_0 to P2_7, P3_0 to P3_7,
P5_0 to P5_3, P8_4 to P8_7,
P9_0 to P9_7, P10_0 to P10_7,
P11_0toP11_4, P12_0toP12_7,
P13_0 to P13_7, P14_1,
P14_3 to P14_6, P15_0 to P15_7 (2)
-0.3 to VCC + 0.3
V
P4_0 to P4_7, P5_4 to P5_7,
P6_0 to P6_7, P7_0 to P7_7,
P8_0 to P8_3
-0.3 to 6.0
V
VO
Output
voltage
XOUT, P0_0 to P0_7, P1_0 to P1_7,
P2_0 to P2_7, P3_0 to P3_7,
P4_0 to P4_7, P5_0 to P5_7,
P6_0 to P6_7, P7_0 to P7_7,
P8_0 to P8_4, P8_6, P8_7,
P9_0 to P9_7, P10_0 to P10_7,
P11_0toP11_4, P12_0toP12_7,
P13_0 to P13_7, P14_3 to P14_6,
P15_0 to P15_7 (2)
-0.3 to VCC + 0.3
V
Pd
Power consumption
Ta = 25°C
500
mW
Operating temperature range
-40 to 85
°C
Tstg
Storage temperature range
-65 to 150
°C


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn