Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

R5F64188HPFB Datasheet(PDF) 8 Page - Renesas Technology Corp

Part No. R5F64188HPFB
Description  RENESAS MCU
Download  126 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RENESAS [Renesas Technology Corp]
Homepage  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F64188HPFB Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button R5F64188HPFB Datasheet HTML 4Page - Renesas Technology Corp R5F64188HPFB Datasheet HTML 5Page - Renesas Technology Corp R5F64188HPFB Datasheet HTML 6Page - Renesas Technology Corp R5F64188HPFB Datasheet HTML 7Page - Renesas Technology Corp R5F64188HPFB Datasheet HTML 8Page - Renesas Technology Corp R5F64188HPFB Datasheet HTML 9Page - Renesas Technology Corp R5F64188HPFB Datasheet HTML 10Page - Renesas Technology Corp R5F64188HPFB Datasheet HTML 11Page - Renesas Technology Corp R5F64188HPFB Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 126 page
background image
REJ03B0255-0110
Rev.1.10
Page 8 of 123
Jun 23, 2010
R32C/118 Group
1. Overview
Figure 1.1
Part Numbering
Part Number
R5 F 64 18 9 H P XXX FD
Package Code
FB : PLQP0100KB-A
FD : PLQP0144KA-A
ROM Number
Omitted in the flash memory version
Temperature Code
N : -20°C to 85°C
D : -40°C to 85°C
P : -40°C to 85°C
Rated Operating Frequency
H : 64MHz (High speed version)
None : 50MHz (Normal speed version)
Memory Type
F : Flash memory version
R32C/118 Group
R32C/100 Series
ROM/RAM Capacity
5 : 384 KB/40 KB
6 : 512 KB/40 KB
7 : 640 KB/48 KB
8 : 768 KB/63 KB
9 : 1 MB/63 KB


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn