Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

R5F64188HPFB Datasheet(PDF) 5 Page - Renesas Technology Corp

Part No. R5F64188HPFB
Description  RENESAS MCU
Download  126 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RENESAS [Renesas Technology Corp]
Homepage  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F64188HPFB Datasheet(HTML) 5 Page - Renesas Technology Corp

  R5F64188HPFB Datasheet HTML 1Page - Renesas Technology Corp R5F64188HPFB Datasheet HTML 2Page - Renesas Technology Corp R5F64188HPFB Datasheet HTML 3Page - Renesas Technology Corp R5F64188HPFB Datasheet HTML 4Page - Renesas Technology Corp R5F64188HPFB Datasheet HTML 5Page - Renesas Technology Corp R5F64188HPFB Datasheet HTML 6Page - Renesas Technology Corp R5F64188HPFB Datasheet HTML 7Page - Renesas Technology Corp R5F64188HPFB Datasheet HTML 8Page - Renesas Technology Corp R5F64188HPFB Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 126 page
background image
REJ03B0255-0110
Rev.1.10
Page 5 of 123
Jun 23, 2010
R32C/118 Group
1. Overview
Note:
1.
Please contact a Renesas Electronics sales office to use the optional feature.
Table 1.4
R32C/118 Group Performance for the 100-pin Package (2/2)
Unit
Function
Performance
Timer
Timer A
16-bit timer × 5
Timer mode, event counter mode, one-shot timer mode, pulse-width
modulation (PWM) mode
Two-phase pulse signal processing in event counter mode (two-
phase encoder input) × 3
Timer B
16-bit timer × 6
Timer mode, event counter mode, pulse frequency measurement
mode, pulse-width measurement mode
Three-phase
motor control
timer
Three-phase motor control timer × 1 (timers A1, A2, A4, and B2 used)
8-bit programmable dead time timer
Serial
Interface
UART0 to UART8 Asynchronous/synchronous serial interface × 9 channels
•I2C-bus (UART0 to UART6)
• Special mode 2 (UART0 to UART6)
• IEBus (optional (1)) (UART0 to UART6)
A/D Converter
10-bit resolution × 26 channels
Sample and hold functionality integrated
D/A Converter
8-bit resolution × 2
CRC Calculator
CRC-CCITT (X16 + X12 + X5 + 1)
X-Y Converter
16 bits × 16 bits
Intelligent I/O
Time measurement (input capture): 16 bits × 16
Waveform generation (output compare): 16 bits × 19
Serial interface: Variable-length synchronous serial I/O mode, IEBus
mode (optional (1))
Multi-master I2C-bus Interface
1 channel
CAN Module
2 channels
CAN functionality compliant with ISO11898-1
32 mailboxes
Flash Memory
Programming and erasure supply voltage: VCC = 3.0 to 5.5 V
Minimum endurance: 1,000 program/erase cycles
Security protection: ROM code protect, ID code protect
Debugging: On-chip debug, on-board flash programming
Operating Frequency/Supply
Voltage
64 MHz (high speed version)/VCC = 3.0 to 5.5 V
50 MHz (normal speed version)/VCC = 3.0 to 5.5 V
Operating Temperature
-20°C to 85°C (version N)
-40°C to 85°C (version D)
-40°C to 85°C (version P)
Current Consumption
45 mA (VCC = 5.0 V, f(CPU) = 64 MHz)
35 mA (VCC = 5.0 V, f(CPU) = 50 MHz)
8 µA (VCC = 3.3 V, f(XCIN) = 32.768 kHz, in wait mode)
Package
100-pin plastic molded LQFP (PLQP0100KB-A)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn