Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

R5F64188HPFB Datasheet(PDF) 48 Page - Renesas Technology Corp

Part No. R5F64188HPFB
Description  RENESAS MCU
Download  126 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RENESAS [Renesas Technology Corp]
Homepage  http://www.renesas.com
Logo 

R5F64188HPFB Datasheet(HTML) 48 Page - Renesas Technology Corp

Zoom Inzoom in Zoom Outzoom out
 48 / 126 page
background image
REJ03B0255-0110
Rev.1.10
Page 48 of 123
Jun 23, 2010
R32C/118 Group
4. Special Function Registers (SFRs)
Table 4.20
SFR List (20)
Address
Register
Symbol
Reset Value
040094h
040095h
040096h
040097h Three-phase Output Buffer Control Register
IOBC
0XXX XXXXb
040098h Input Function Select Register 0
IFS0
X000 0000b
040099h Input Function Select Register 1
IFS1
XXXX X0X0b
04009Ah Input Function Select Register 2
IFS2
0000 00X0b
04009Bh Input Function Select Register 3
IFS3
XXXX XX00b
04009Ch
04009Dh
04009Eh
04009Fh
0400A0h Port P0_0 Function Select Register
P0_0S
0XXX X000b
0400A1h Port P1_0 Function Select Register
P1_0S
XXXX X000b
0400A2h Port P0_1 Function Select Register
P0_1S
0XXX X000b
0400A3h Port P1_1 Function Select Register
P1_1S
XXXX X000b
0400A4h Port P0_2 Function Select Register
P0_2S
0XXX X000b
0400A5h Port P1_2 Function Select Register
P1_2S
XXXX X000b
0400A6h Port P0_3 Function Select Register
P0_3S
0XXX X000b
0400A7h Port P1_3 Function Select Register
P1_3S
XXXX X000b
0400A8h Port P0_4 Function Select Register
P0_4S
0XXX X000b
0400A9h Port P1_4 Function Select Register
P1_4S
XXXX X000b
0400AAh Port P0_5 Function Select Register
P0_5S
0XXX X000b
0400ABh Port P1_5 Function Select Register
P1_5S
XXXX X000b
0400ACh Port P0_6 Function Select Register
P0_6S
0XXX X000b
0400ADh Port P1_6 Function Select Register
P1_6S
XXXX X000b
0400AEh Port P0_7 Function Select Register
P0_7S
0XXX X000b
0400AFh Port P1_7 Function Select Register
P1_7S
XXXX X000b
0400B0h Port P2_0 Function Select Register
P2_0S
0XXX X000b
0400B1h Port P3_0 Function Select Register
P3_0S
XXXX X000b
0400B2h Port P2_1 Function Select Register
P2_1S
0XXX X000b
0400B3h Port P3_1 Function Select Register
P3_1S
XXXX X000b
0400B4h Port P2_2 Function Select Register
P2_2S
0XXX X000b
0400B5h Port P3_2 Function Select Register
P3_2S
XXXX X000b
0400B6h Port P2_3 Function Select Register
P2_3S
0XXX X000b
0400B7h Port P3_3 Function Select Register
P3_3S
XXXX X000b
0400B8h Port P2_4 Function Select Register
P2_4S
0XXX X000b
0400B9h Port P3_4 Function Select Register
P3_4S
XXXX X000b
0400BAh Port P2_5 Function Select Register
P2_5S
0XXX X000b
0400BBh Port P3_5 Function Select Register
P3_5S
XXXX X000b
0400BCh Port P2_6 Function Select Register
P2_6S
0XXX X000b
0400BDh Port P3_6 Function Select Register
P3_6S
XXXX X000b
0400BEh Port P2_7 Function Select Register
P2_7S
0XXX X000b
0400BFh Port P3_7 Function Select Register
P3_7S
XXXX X000b
X: Undefined
Blanks are reserved. No access is allowed.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn