Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

R5F64188HPFB Datasheet(PDF) 47 Page - Renesas Technology Corp

Part No. R5F64188HPFB
Description  RENESAS MCU
Download  126 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RENESAS [Renesas Technology Corp]
Homepage  http://www.renesas.com
Logo 

R5F64188HPFB Datasheet(HTML) 47 Page - Renesas Technology Corp

Zoom Inzoom in Zoom Outzoom out
 47 / 126 page
background image
REJ03B0255-0110
Rev.1.10
Page 47 of 123
Jun 23, 2010
R32C/118 Group
4. Special Function Registers (SFRs)
Note:
1.
The value in the PM0 register remains unchanged even after a software reset or watchdog timer reset.
Table 4.19
SFR List (19)
Address
Register
Symbol
Reset Value
040030h to
04003Fh
040040h
040041h
040042h
040043h
040044h Processor Mode Register 0 (1)
PM0
1000 0000b
(CNVSS pin = Low)
0000 0011b
(CNVSS pin = High)
040045h
040046h System Clock Control Register 0
CM0
0000 1000b
040047h System Clock Control Register 1
CM1
0010 0000b
040048h Processor Mode Register 3
PM3
00h
040049h
04004Ah Protect Register
PRCR
XXXX X000b
04004Bh
04004Ch Protect Register 3
PRCR3
0000 0000b
04004Dh Oscillator Stop Detection Register
CM2
00h
04004Eh
04004Fh
040050h
040051h
040052h
040053h Processor Mode Register 2
PM2
00h
040054h Chip Select Output Pin Setting Register 0
CSOP0
1000 XXXXb
040055h Chip Select Output Pin Setting Register 1
CSOP1
01X0 XXXXb
040056h Chip Select Output Pin Setting Register 2
CSOP2
XXXX 0000b
040057h
040058h
040059h
04005Ah Low Speed Mode Clock Control Register
CM3
XXXX XX00b
04005Bh
04005Ch
04005Dh
04005Eh
04005Fh
040060h Voltage Regulator Control Register
VRCR
0000 0000b
040061h
040062h Low Voltage Detector Control Register
LVDC
0000 XX00b
040063h
040064h Detection Voltage Configuration Register
DVCR
0000 XXXXb
040065h
040066h
040067h
040068h to
040093h
X: Undefined
Blanks are reserved. No access is allowed.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn