Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

R5F64188HPFB Datasheet(PDF) 46 Page - Renesas Technology Corp

Part No. R5F64188HPFB
Description  RENESAS MCU
Download  126 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RENESAS [Renesas Technology Corp]
Homepage  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F64188HPFB Datasheet(HTML) 46 Page - Renesas Technology Corp

Back Button R5F64188HPFB Datasheet HTML 42Page - Renesas Technology Corp R5F64188HPFB Datasheet HTML 43Page - Renesas Technology Corp R5F64188HPFB Datasheet HTML 44Page - Renesas Technology Corp R5F64188HPFB Datasheet HTML 45Page - Renesas Technology Corp R5F64188HPFB Datasheet HTML 46Page - Renesas Technology Corp R5F64188HPFB Datasheet HTML 47Page - Renesas Technology Corp R5F64188HPFB Datasheet HTML 48Page - Renesas Technology Corp R5F64188HPFB Datasheet HTML 49Page - Renesas Technology Corp R5F64188HPFB Datasheet HTML 50Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 126 page
background image
REJ03B0255-0110
Rev.1.10
Page 46 of 123
Jun 23, 2010
R32C/118 Group
4. Special Function Registers (SFRs)
Note:
1.
The status of protect bit of each block in flash memory is reflected.
Table 4.18
SFR List (18)
Address
Register
Symbol
Reset Value
040000h Flash Memory Control Register 0
FMR0
0X01 XX00b
040001h Flash Memory Status Register 0
FMSR0
1000 0000b
040002h
040003h
040004h
040005h
040006h
040007h
040008h Flash Register Protection Unlock Register 0
FPR0
00h
040009h Flash Memory Control Register 1
FMR1
0000 0010b
04000Ah Block Protect Bit Monitor Register 0
FBPM0
??X? ????b (1)
04000Bh Block Protect Bit Monitor Register 1
FBPM1
XXX? ????b (1)
04000Ch
04000Dh
04000Eh
04000Fh
040010h
040011h Block Protect Bit Monitor Register 2
FBPM2
???? ????b (1)
040012h
040013h
040014h
040015h
040016h
040017h
040018h
040019h
04001Ah
04001Bh
04001Ch
04001Dh
04001Eh
04001Fh
040020h PLL Control Register 0
PLC0
0000 0001b
040021h PLL Control Register 1
PLC1
0001 1111b
040022h
040023h
040024h
040025h
040026h
040027h
040028h
040029h
04002Ah
04002Bh
04002Ch
04002Dh
04002Eh
04002Fh
X: Undefined
Blanks are reserved. No access is allowed.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn