Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

R5F64188HPFB Datasheet(PDF) 39 Page - Renesas Technology Corp

Part No. R5F64188HPFB
Description  RENESAS MCU
Download  126 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RENESAS [Renesas Technology Corp]
Homepage  http://www.renesas.com
Logo 

R5F64188HPFB Datasheet(HTML) 39 Page - Renesas Technology Corp

Zoom Inzoom in Zoom Outzoom out
 39 / 126 page
background image
REJ03B0255-0110
Rev.1.10
Page 39 of 123
Jun 23, 2010
R32C/118 Group
4. Special Function Registers (SFRs)
Table 4.11
SFR List (11)
Address
Register
Symbol
Reset Value
000200h to
0002BFh
0002C0h X0 Register/Y0 Register
X0R/Y0R
XXXXh
0002C1h
0002C2h X1 Register/Y1 Register
X1R/Y1R
XXXXh
0002C3h
0002C4h X2 Register/Y2 Register
X2R/Y2R
XXXXh
0002C5h
0002C6h X3 Register/Y3 Register
X3R/Y3R
XXXXh
0002C7h
0002C8h X4 Register/Y4 Register
X4R/Y4R
XXXXh
0002C9h
0002CAh X5 Register/Y5 Register
X5R/Y5R
XXXXh
0002CBh
0002CCh X6 Register/Y6 Register
X6R/Y6R
XXXXh
0002CDh
0002CEh X7 Register/Y7 Register
X7R/Y7R
XXXXh
0002CFh
0002D0h X8 Register/Y8 Register
X8R/Y8R
XXXXh
0002D1h
0002D2h X9 Register/Y9 Register
X9R/Y9R
XXXXh
0002D3h
0002D4h X10 Register/Y10 Register
X10R/Y10R
XXXXh
0002D5h
0002D6h X11 Register/Y11 Register
X11R/Y11R
XXXXh
0002D7h
0002D8h X12 Register/Y12 Register
X12R/Y12R
XXXXh
0002D9h
0002DAh X13 Register/Y13 Register
X13R/Y13R
XXXXh
0002DBh
0002DCh X14 Register/Y14 Register
X14R/Y14R
XXXXh
0002DDh
0002DEh X15 Register/Y15 Register
X15R/Y15R
XXXXh
0002DFh
0002E0h X-Y Control Register
XYC
XXXX XX00b
0002E1h
0002E2h
0002E3h
0002E4h UART1 Special Mode Register 4
U1SMR4
00h
0002E5h UART1 Special Mode Register 3
U1SMR3
00h
0002E6h UART1 Special Mode Register 2
U1SMR2
00h
0002E7h UART1 Special Mode Register
U1SMR
00h
0002E8h UART1 Transmit/Receive Mode Register
U1MR
00h
0002E9h UART1 Bit Rate Register
U1BRG
XXh
0002EAh UART1 Transmit Buffer Register
U1TB
XXXXh
0002EBh
0002ECh UART1 Transmit/Receive Control Register 0
U1C0
0000 1000b
0002EDh UART1 Transmit/Receive Control Register 1
U1C1
0000 0010b
0002EEh UART1 Receive Buffer Register
U1RB
XXXXh
0002EFh
X: Undefined
Blanks are reserved. No access is allowed.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn