Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

R5F64188HPFB Datasheet(PDF) 36 Page - Renesas Technology Corp

Part No. R5F64188HPFB
Description  RENESAS MCU
Download  126 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RENESAS [Renesas Technology Corp]
Homepage  http://www.renesas.com
Logo 

R5F64188HPFB Datasheet(HTML) 36 Page - Renesas Technology Corp

Zoom Inzoom in Zoom Outzoom out
 36 / 126 page
background image
REJ03B0255-0110
Rev.1.10
Page 36 of 123
Jun 23, 2010
R32C/118 Group
4. Special Function Registers (SFRs)
Table 4.8
SFR List (8)
Address
Register
Symbol
Reset Value
000170h Group 2 IEBus Address Register
IEAR
XXXXh
000171h
000172h Group 2 IEBus Control Register
IECR
00XX X000b
000173h Group 2 IEBus Transmit Interrupt Source Detect Register
IETIF
XXX0 0000b
000174h Group 2 IEBus Receive Interrupt Source Detect Register
IERIF
XXX0 0000b
000175h
000176h
000177h
000178h
000179h
00017Ah
00017Bh
00017Ch
00017Dh
00017Eh
00017Fh
000180h Group 0 Time Measurement/Waveform Generation Register 0 G0TM0/G0PO0
XXXXh
000181h
000182h Group 0 Time Measurement/Waveform Generation Register 1 G0TM1/G0PO1
XXXXh
000183h
000184h Group 0 Time Measurement/Waveform Generation Register 2 G0TM2/G0PO2
XXXXh
000185h
000186h Group 0 Time Measurement/Waveform Generation Register 3 G0TM3/G0PO3
XXXXh
000187h
000188h Group 0 Time Measurement/Waveform Generation Register 4 G0TM4/G0PO4
XXXXh
000189h
00018Ah Group 0 Time Measurement/Waveform Generation Register 5 G0TM5/G0PO5
XXXXh
00018Bh
00018Ch Group 0 Time Measurement/Waveform Generation Register 6 G0TM6/G0PO6
XXXXh
00018Dh
00018Eh Group 0 Time Measurement/Waveform Generation Register 7 G0TM7/G0PO7
XXXXh
00018Fh
000190h Group 0 Waveform Generation Control Register 0
G0POCR0
0000 X000b
000191h Group 0 Waveform Generation Control Register 1
G0POCR1
0X00 X000b
000192h Group 0 Waveform Generation Control Register 2
G0POCR2
0X00 X000b
000193h Group 0 Waveform Generation Control Register 3
G0POCR3
0X00 X000b
000194h Group 0 Waveform Generation Control Register 4
G0POCR4
0X00 X000b
000195h Group 0 Waveform Generation Control Register 5
G0POCR5
0X00 X000b
000196h Group 0 Waveform Generation Control Register 6
G0POCR6
0X00 X000b
000197h Group 0 Waveform Generation Control Register 7
G0POCR7
0X00 X000b
000198h Group 0 Time Measurement Control Register 0
G0TMCR0
00h
000199h Group 0 Time Measurement Control Register 1
G0TMCR1
00h
00019Ah Group 0 Time Measurement Control Register 2
G0TMCR2
00h
00019Bh Group 0 Time Measurement Control Register 3
G0TMCR3
00h
00019Ch Group 0 Time Measurement Control Register 4
G0TMCR4
00h
00019Dh Group 0 Time Measurement Control Register 5
G0TMCR5
00h
00019Eh Group 0 Time Measurement Control Register 6
G0TMCR6
00h
00019Fh Group 0 Time Measurement Control Register 7
G0TMCR7
00h
X: Undefined
Blanks are reserved. No access is allowed.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn