Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

R5F64188HPFB Datasheet(PDF) 35 Page - Renesas Technology Corp

Part No. R5F64188HPFB
Description  RENESAS MCU
Download  126 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RENESAS [Renesas Technology Corp]
Homepage  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F64188HPFB Datasheet(HTML) 35 Page - Renesas Technology Corp

Back Button R5F64188HPFB Datasheet HTML 31Page - Renesas Technology Corp R5F64188HPFB Datasheet HTML 32Page - Renesas Technology Corp R5F64188HPFB Datasheet HTML 33Page - Renesas Technology Corp R5F64188HPFB Datasheet HTML 34Page - Renesas Technology Corp R5F64188HPFB Datasheet HTML 35Page - Renesas Technology Corp R5F64188HPFB Datasheet HTML 36Page - Renesas Technology Corp R5F64188HPFB Datasheet HTML 37Page - Renesas Technology Corp R5F64188HPFB Datasheet HTML 38Page - Renesas Technology Corp R5F64188HPFB Datasheet HTML 39Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 126 page
background image
REJ03B0255-0110
Rev.1.10
Page 35 of 123
Jun 23, 2010
R32C/118 Group
4. Special Function Registers (SFRs)
Table 4.7
SFR List (7)
Address
Register
Symbol
Reset Value
000140h Group 2 Waveform Generation Register 0
G2PO0
XXXXh
000141h
000142h Group 2 Waveform Generation Register 1
G2PO1
XXXXh
000143h
000144h Group 2 Waveform Generation Register 2
G2PO2
XXXXh
000145h
000146h Group 2 Waveform Generation Register 3
G2PO3
XXXXh
000147h
000148h Group 2 Waveform Generation Register 4
G2PO4
XXXXh
000149h
00014Ah Group 2 Waveform Generation Register 5
G2PO5
XXXXh
00014Bh
00014Ch Group 2 Waveform Generation Register 6
G2PO6
XXXXh
00014Dh
00014Eh Group 2 Waveform Generation Register 7
G2PO7
XXXXh
00014Fh
000150h Group 2 Waveform Generation Control Register 0
G2POCR0
0000 0000b
000151h Group 2 Waveform Generation Control Register 1
G2POCR1
0000 0000b
000152h Group 2 Waveform Generation Control Register 2
G2POCR2
0000 0000b
000153h Group 2 Waveform Generation Control Register 3
G2POCR3
0000 0000b
000154h Group 2 Waveform Generation Control Register 4
G2POCR4
0000 0000b
000155h Group 2 Waveform Generation Control Register 5
G2POCR5
0000 0000b
000156h Group 2 Waveform Generation Control Register 6
G2POCR6
0000 0000b
000157h Group 2 Waveform Generation Control Register 7
G2POCR7
0000 0000b
000158h
000159h
00015Ah
00015Bh
00015Ch
00015Dh
00015Eh
00015Fh
000160h Group 2 Base Timer Register
G2BT
XXXXh
000161h
000162h Group 2 Base Timer Control Register 0
G2BCR0
00h
000163h Group 2 Base Timer Control Register 1
G2BCR1
0000 0000b
000164h Base Timer Start Register
BTSR
XXXX 0000b
000165h
000166h Group 2 Function Enable Register
G2FE
00h
000167h Group 2 RTP Output Buffer Register
G2RTP
00h
000168h
000169h
00016Ah Group 2 Serial Interface Mode Register
G2MR
00XX X000b
00016Bh Group 2 Serial Interface Control Register
G2CR
0000 X110b
00016Ch Group 2 SI/O Transmit Buffer Register
G2TB
XXXXh
00016Dh
00016Eh Group 2 SI/O Receive Buffer Register
G2RB
XXXXh
00016Fh
X: Undefined
Blanks are reserved. No access is allowed.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn