Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R5F3573EJFF Datasheet(PDF) 42 Page - Renesas Technology Corp

Part # R5F3573EJFF
Description  RENESAS MCU
Download  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F3573EJFF Datasheet(HTML) 42 Page - Renesas Technology Corp

Back Button R5F3573EJFF Datasheet HTML 38Page - Renesas Technology Corp R5F3573EJFF Datasheet HTML 39Page - Renesas Technology Corp R5F3573EJFF Datasheet HTML 40Page - Renesas Technology Corp R5F3573EJFF Datasheet HTML 41Page - Renesas Technology Corp R5F3573EJFF Datasheet HTML 42Page - Renesas Technology Corp R5F3573EJFF Datasheet HTML 43Page - Renesas Technology Corp R5F3573EJFF Datasheet HTML 44Page - Renesas Technology Corp R5F3573EJFF Datasheet HTML 45Page - Renesas Technology Corp R5F3573EJFF Datasheet HTML 46Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 159 page
background image
REJ03B0267-0101
Rev.1.01
Page 42 of 156
Jul 23, 2010
M16C/5M Group, M16C/57 Group
4. Special Function Registers (SFRs)
Note:
1.
The blank areas are reserved. No access is allowed.
Table 4.11
SFR Information (11) (1)
Address
Register
Symbol
Reset Value
0240h
0241h
0242h
0243h
0244h
0245h
0246h
0247h
0248h
UART0 Transmit/Receive Mode Register
U0MR
00h
0249h
UART0 Bit Rate Register
U0BRG
XXh
024Ah
UART0 Transmit Buffer Register
U0TB
XXh
024Bh
XXh
024Ch
UART0 Transmit/Receive Control Register 0
U0C0
0000 1000b
024Dh
UART0 Transmit/Receive Control Register 1
U0C1
0000 0010b
024Eh
UART0 Receive Buffer Register
U0RB
XXh
024Fh
XXh
0250h
0251h
0252h
UART Clock Select Register
UCLKSEL0
X0h
0253h
0254h
0255h
0256h
0257h
0258h
UART1 Transmit/Receive Mode Register
U1MR
00h
0259h
UART1 Bit Rate Register
U1BRG
XXh
025Ah
UART1 Transmit Buffer Register
U1TB
XXh
025Bh
XXh
025Ch
UART1 Transmit/Receive Control Register 0
U1C0
0000 1000b
025Dh
UART1 Transmit/Receive Control Register 1
U1C1
0000 0010b
025Eh
UART1 Receive Buffer Register
U1RB
XXh
025Fh
XXh
0260h
0261h
0262h
0263h
0264h
UART2 Special Mode Register 4
U2SMR4
00h
0265h
UART2 Special Mode Register 3
U2SMR3
000X 0X0Xb
0266h
UART2 Special Mode Register 2
U2SMR2
X000 0000b
0267h
UART2 Special Mode Register
U2SMR
X000 0000b
0268h
UART2 Transmit/Receive Mode Register
U2MR
00h
0269h
UART2 Bit Rate Register
U2BRG
XXh
026Ah
UART2 Transmit Buffer Register
U2TB
XXh
026Bh
XXh
026Ch
UART2 Transmit/Receive Control Register 0
U2C0
0000 1000b
026Dh
UART2 Transmit/Receive Control Register 1
U2C1
0000 0010b
026Eh
UART2 Receive Buffer Register
U2RB
XXh
026Fh
XXh
X: Undefined


Similar Part No. - R5F3573EJFF

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F35623DFE RENESAS-R5F35623DFE Datasheet
612Kb / 85P
   RENESAS MCU
R5F35623DFE RENESAS-R5F35623DFE Datasheet
673Kb / 88P
   RENESAS MCU
R5F35623DFE RENESAS-R5F35623DFE Datasheet
673Kb / 88P
   RENESAS MCU
R5F35623JFE RENESAS-R5F35623JFE Datasheet
1Mb / 117P
   RENESAS MCU
R5F35623JFE RENESAS-R5F35623JFE Datasheet
767Kb / 116P
   RENESAS MCU
More results

Similar Description - R5F3573EJFF

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F21334TNFP RENESAS-R5F21334TNFP Datasheet
397Kb / 51P
   RENESAS MCU
R5F21386CNFP RENESAS-R5F21386CNFP Datasheet
537Kb / 57P
   RENESAS MCU
R5F2L357CNFP RENESAS-R5F2L357CNFP Datasheet
854Kb / 76P
   RENESAS MCU
32C8B RENESAS-32C8B Datasheet
1Mb / 69P
   RENESAS MCU
R8C33G RENESAS-R8C33G Datasheet
501Kb / 54P
   RENESAS MCU
R32C116A RENESAS-R32C116A Datasheet
819Kb / 102P
   RENESAS MCU
R5F64206JFB RENESAS-R5F64206JFB Datasheet
1Mb / 103P
   RENESAS MCU
R5F21321DNSP RENESAS-R5F21321DNSP Datasheet
514Kb / 46P
   RENESAS MCU
R5F21354DNFP RENESAS-R5F21354DNFP Datasheet
428Kb / 46P
   RENESAS MCU
R5F21346WJFP RENESAS-R5F21346WJFP Datasheet
623Kb / 70P
   RENESAS MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com