Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R5F3573EJFF Datasheet(PDF) 41 Page - Renesas Technology Corp

Part # R5F3573EJFF
Description  RENESAS MCU
Download  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F3573EJFF Datasheet(HTML) 41 Page - Renesas Technology Corp

Back Button R5F3573EJFF Datasheet HTML 37Page - Renesas Technology Corp R5F3573EJFF Datasheet HTML 38Page - Renesas Technology Corp R5F3573EJFF Datasheet HTML 39Page - Renesas Technology Corp R5F3573EJFF Datasheet HTML 40Page - Renesas Technology Corp R5F3573EJFF Datasheet HTML 41Page - Renesas Technology Corp R5F3573EJFF Datasheet HTML 42Page - Renesas Technology Corp R5F3573EJFF Datasheet HTML 43Page - Renesas Technology Corp R5F3573EJFF Datasheet HTML 44Page - Renesas Technology Corp R5F3573EJFF Datasheet HTML 45Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 159 page
background image
REJ03B0267-0101
Rev.1.01
Page 41 of 156
Jul 23, 2010
M16C/5M Group, M16C/57 Group
4. Special Function Registers (SFRs)
Note:
1.
The blank areas are reserved. No access is allowed.
Table 4.10
SFR Information (10) (1)
Address
Register
Symbol
Reset Value
0210h
Address Match Interrupt Register 0
RMAD0
00h
0211h
00h
0212h
X0h
0213h
0214h
Address Match Interrupt Register 1
RMAD1
00h
0215h
00h
0216h
X0h
0217h
0218h
Address Match Interrupt Register 2
RMAD2
00h
0219h
00h
021Ah
X0h
021Bh
021Ch
Address Match Interrupt Register 3
RMAD3
00h
021Dh
00h
021Eh
X0h
021Fh
0220h
Flash Memory Control Register 0
FMR0
0000 0001b
(Other than user boot mode)
0010 0001b
(User boot mode)
0221h
Flash Memory Control Register 1
FMR1
00X0 XX0Xb
0222h
Flash Memory Control Register 2
FMR2
XXXX 0000b
0223h
Flash Memory Control Register 3
FMR3
XXXX 0000b
0224h
0225h
0226h
0227h
0228h
0229h
022Ah
022Bh
022Ch
022Dh
022Eh
022Fh
0230h
Flash Memory Control Register 6
FMR6
XX0X XX00b
0231h
0232h
0233h
0234h
0235h
0236h
0237h
0238h
0239h
023Ah
023Bh
023Ch
023Dh
023Eh
023Fh
X: Undefined


Similar Part No. - R5F3573EJFF

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F35623DFE RENESAS-R5F35623DFE Datasheet
612Kb / 85P
   RENESAS MCU
R5F35623DFE RENESAS-R5F35623DFE Datasheet
673Kb / 88P
   RENESAS MCU
R5F35623DFE RENESAS-R5F35623DFE Datasheet
673Kb / 88P
   RENESAS MCU
R5F35623JFE RENESAS-R5F35623JFE Datasheet
1Mb / 117P
   RENESAS MCU
R5F35623JFE RENESAS-R5F35623JFE Datasheet
767Kb / 116P
   RENESAS MCU
More results

Similar Description - R5F3573EJFF

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F21334TNFP RENESAS-R5F21334TNFP Datasheet
397Kb / 51P
   RENESAS MCU
R5F21386CNFP RENESAS-R5F21386CNFP Datasheet
537Kb / 57P
   RENESAS MCU
R5F2L357CNFP RENESAS-R5F2L357CNFP Datasheet
854Kb / 76P
   RENESAS MCU
32C8B RENESAS-32C8B Datasheet
1Mb / 69P
   RENESAS MCU
R8C33G RENESAS-R8C33G Datasheet
501Kb / 54P
   RENESAS MCU
R32C116A RENESAS-R32C116A Datasheet
819Kb / 102P
   RENESAS MCU
R5F64206JFB RENESAS-R5F64206JFB Datasheet
1Mb / 103P
   RENESAS MCU
R5F21321DNSP RENESAS-R5F21321DNSP Datasheet
514Kb / 46P
   RENESAS MCU
R5F21354DNFP RENESAS-R5F21354DNFP Datasheet
428Kb / 46P
   RENESAS MCU
R5F21346WJFP RENESAS-R5F21346WJFP Datasheet
623Kb / 70P
   RENESAS MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com