Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R5F64188HPFD Datasheet(PDF) 82 Page - Renesas Technology Corp

Part # R5F64188HPFD
Description  RENESAS MCU
Download  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F64188HPFD Datasheet(HTML) 82 Page - Renesas Technology Corp

Back Button R5F64188HPFD Datasheet HTML 78Page - Renesas Technology Corp R5F64188HPFD Datasheet HTML 79Page - Renesas Technology Corp R5F64188HPFD Datasheet HTML 80Page - Renesas Technology Corp R5F64188HPFD Datasheet HTML 81Page - Renesas Technology Corp R5F64188HPFD Datasheet HTML 82Page - Renesas Technology Corp R5F64188HPFD Datasheet HTML 83Page - Renesas Technology Corp R5F64188HPFD Datasheet HTML 84Page - Renesas Technology Corp R5F64188HPFD Datasheet HTML 85Page - Renesas Technology Corp R5F64188HPFD Datasheet HTML 86Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 126 page
background image
REJ03B0255-0110
Rev.1.10
Page 82 of 123
Jun 23, 2010
R32C/118 Group
5. Electrical Characteristics
5.
Electrical Characteristics
Notes:
1.
Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to
the device. This is a stress rating only and functional operation of the device at these or any other
conditions above those indicated in the operational sections of this specification is not implied.
Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
2.
Ports P9_0, P9_2, and P11 to P15 are available in the 144-pin package only. Port P9_1 is designated
as input pin in the 100-pin package.
Table 5.1
Absolute Maximum Ratings (1)
Symbol
Characteristic
Condition
Value
Unit
VCC
Supply voltage
VCC = AVCC
-0.3 to 6.0
V
AVCC
Analog supply voltage
VCC = AVCC
-0.3 to 6.0
V
VI
Input voltage XIN,
RESET, CNVSS, NSD, VREF,
P0_0 to P0_7, P1_0 to P1_7,
P2_0 to P2_7, P3_0 to P3_7,
P5_0 to P5_3, P8_4 to P8_7,
P9_0 to P9_7, P10_0 to P10_7,
P11_0toP11_4, P12_0toP12_7,
P13_0 to P13_7, P14_1,
P14_3 to P14_6, P15_0 to P15_7 (2)
-0.3 to VCC + 0.3
V
P4_0 to P4_7, P5_4 to P5_7,
P6_0 to P6_7, P7_0 to P7_7,
P8_0 to P8_3
-0.3 to 6.0
V
VO
Output
voltage
XOUT, P0_0 to P0_7, P1_0 to P1_7,
P2_0 to P2_7, P3_0 to P3_7,
P4_0 to P4_7, P5_0 to P5_7,
P6_0 to P6_7, P7_0 to P7_7,
P8_0 to P8_4, P8_6, P8_7,
P9_0 to P9_7, P10_0 to P10_7,
P11_0toP11_4, P12_0toP12_7,
P13_0 to P13_7, P14_3 to P14_6,
P15_0 to P15_7 (2)
-0.3 to VCC + 0.3
V
Pd
Power consumption
Ta = 25°C
500
mW
Operating temperature range
-40 to 85
°C
Tstg
Storage temperature range
-65 to 150
°C


Similar Part No. - R5F64188HPFD

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F64188HPFD RENESAS-R5F64188HPFD Datasheet
916Kb / 126P
   RENESAS MCU
More results

Similar Description - R5F64188HPFD

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F21334TNFP RENESAS-R5F21334TNFP Datasheet
397Kb / 51P
   RENESAS MCU
R5F21386CNFP RENESAS-R5F21386CNFP Datasheet
537Kb / 57P
   RENESAS MCU
R5F2L357CNFP RENESAS-R5F2L357CNFP Datasheet
854Kb / 76P
   RENESAS MCU
32C8B RENESAS-32C8B Datasheet
1Mb / 69P
   RENESAS MCU
R8C33G RENESAS-R8C33G Datasheet
501Kb / 54P
   RENESAS MCU
R32C116A RENESAS-R32C116A Datasheet
819Kb / 102P
   RENESAS MCU
R5F64206JFB RENESAS-R5F64206JFB Datasheet
1Mb / 103P
   RENESAS MCU
R5F21321DNSP RENESAS-R5F21321DNSP Datasheet
514Kb / 46P
   RENESAS MCU
R5F21354DNFP RENESAS-R5F21354DNFP Datasheet
428Kb / 46P
   RENESAS MCU
R5F21346WJFP RENESAS-R5F21346WJFP Datasheet
623Kb / 70P
   RENESAS MCU
M16C5M RENESAS-M16C5M Datasheet
1,001Kb / 159P
   RENESAS MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com