Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD7441BRTZ-REEL7 Datasheet(PDF) 10 Page - Analog Devices

Part # AD7441BRTZ-REEL7
Description  Pseudo Differential Input, 1 MSPS, 10-/12-Bit ADCs in an 8-Lead SOT-23
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7441BRTZ-REEL7 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD7441BRTZ-REEL7 Datasheet HTML 6Page - Analog Devices AD7441BRTZ-REEL7 Datasheet HTML 7Page - Analog Devices AD7441BRTZ-REEL7 Datasheet HTML 8Page - Analog Devices AD7441BRTZ-REEL7 Datasheet HTML 9Page - Analog Devices AD7441BRTZ-REEL7 Datasheet HTML 10Page - Analog Devices AD7441BRTZ-REEL7 Datasheet HTML 11Page - Analog Devices AD7441BRTZ-REEL7 Datasheet HTML 12Page - Analog Devices AD7441BRTZ-REEL7 Datasheet HTML 13Page - Analog Devices AD7441BRTZ-REEL7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
AD7441/AD7451
Rev. D | Page 10 of 24
TYPICAL PERFORMANCE CHARACTERISTICS
TA = 25°C, fS = 1 MSPS, fSCLK = 18 MHz, VDD = 2.7 V to 5.25 V, VREF = 2.5 V, unless otherwise noted.
75
55
60
65
70
10
100
1000
FREQUENCY (kHz)
VDD = 5.25V
VDD = 4.75V
VDD = 3.6V
VDD = 2.7V
Figure 7. SINAD vs. Analog Input Frequency for the AD7451 for
Various Supply Voltages
0
–120
–80
–100
–60
–40
–20
0
100
200
300
400
500
600
700
800
900 1000
SUPPLY RIPPLE FREQUENCY (kHz)
100mV p-p SINE WAVE ON VDD
NO DECOUPLING ON VDD
VDD = 3V
VDD = 5V
Figure 8. PSRR vs. Supply Ripple Frequency Without Supply Decoupling
FREQUENCY (kHz)
0
100
200
–100
–140
500
–20
0
–120
–40
–60
–80
8192 POINT FFT
fSAMPLE = 1MSPS
fIN = 100kSPS
SINAD = 71dB
THD = –82dB
SFDR = –83dB
300
400
Figure 9. AD7451 Dynamic Performance for VDD = 5 V
CODE
0.4
0
1024
2048
3072
0.2
0
–0.2
–0.4
–1.0
4096
0.6
0.8
1.0
–0.6
–0.8
Figure 10. Typical DNL for the AD7451 for VDD = 5 V
CODE
0.4
0
1024
2048
3072
0.2
0
–0.2
–0.4
–1.0
4096
0.6
0.8
1.0
–0.6
–0.8
Figure 11. Typical INL for the AD7451 for VDD = 5 V
CODES
0
2046
2047
2048
2049
2050
2051
27 CODES
24 CODES
1000
2000
3000
4000
5000
6000
7000
8000
9000
10000
9949
CODES
Figure 12. Histogram of 10,000 Conversions of a DC Input for the AD7451


Similar Part No. - AD7441BRTZ-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7441BRT AD-AD7441BRT Datasheet
208Kb / 15P
   Pseudo Differential, 1MSPS, 12- & 10-Bit ADCs in 8-lead SOT-23
REV. PrC 24/05/02
More results

Similar Description - AD7441BRTZ-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7451 AD-AD7451_15 Datasheet
722Kb / 25P
   Pseudo Differential Input, 1 MSPS, 10-/12-Bit ADCs in an 8-Lead SOT-23
REV. D
AD7441 AD-AD7441_15 Datasheet
722Kb / 25P
   Pseudo Differential Input, 1 MSPS, 10-/12-Bit ADCs in an 8-Lead SOT-23
REV. D
AD7440 AD-AD7440_15 Datasheet
864Kb / 29P
   Differential Input, 1 MSPS 10-Bit and 12-Bit ADCs in an 8-Lead SOT-23
REV. C
AD7450A AD-AD7450A_15 Datasheet
864Kb / 29P
   Differential Input, 1 MSPS 10-Bit and 12-Bit ADCs in an 8-Lead SOT-23
REV. C
AD7440 AD-AD7440 Datasheet
771Kb / 28P
   Differential Input, 1 MSPS 10-Bit and 12-Bit ADCs in an 8-Lead SOT-23
Rev. B
AD7440 AD-AD7440_V01 Datasheet
674Kb / 27P
   Differential Input, 1 MSPS 10-Bit and 12-Bit ADCs in an 8-Lead SOT-23
Rev. D
AD7440BRT AD-AD7440BRT Datasheet
784Kb / 28P
   Differential Input, 1 MSPS ADCs in an 8-Lead SOT-23
REV. C
AD7451 AD-AD7451 Datasheet
208Kb / 15P
   Pseudo Differential, 1MSPS, 12- & 10-Bit ADCs in 8-lead SOT-23
REV. PrC 24/05/02
AD7476 AD-AD7476_15 Datasheet
560Kb / 25P
   1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SOT-23
Rev. F
AD7478 AD-AD7478_15 Datasheet
560Kb / 25P
   1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SOT-23
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com