Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R5F64187HDFB Datasheet(PDF) 91 Page - Renesas Technology Corp

Part # R5F64187HDFB
Description  RENESAS MCU
Download  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F64187HDFB Datasheet(HTML) 91 Page - Renesas Technology Corp

Back Button R5F64187HDFB Datasheet HTML 87Page - Renesas Technology Corp R5F64187HDFB Datasheet HTML 88Page - Renesas Technology Corp R5F64187HDFB Datasheet HTML 89Page - Renesas Technology Corp R5F64187HDFB Datasheet HTML 90Page - Renesas Technology Corp R5F64187HDFB Datasheet HTML 91Page - Renesas Technology Corp R5F64187HDFB Datasheet HTML 92Page - Renesas Technology Corp R5F64187HDFB Datasheet HTML 93Page - Renesas Technology Corp R5F64187HDFB Datasheet HTML 94Page - Renesas Technology Corp R5F64187HDFB Datasheet HTML 95Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 126 page
background image
REJ03B0255-0110
Rev.1.10
Page 91 of 123
Jun 23, 2010
R32C/118 Group
5. Electrical Characteristics
Timing Requirements (VCC = 3.0 to 5.5 V, VSS = 0 V, and Ta = Topr, unless otherwise noted)
Figure 5.5
Flash Memory CPU Rewrite Mode Timing
Table 5.14
Flash Memory CPU Rewrite Mode Timing
Symbol
Characteristics
Value
Unit
Min.
Max.
tcR
Read cycle time
200
ns
tsu(S-R)
Chip-select setup time for read
200
ns
th(R-S)
Chip-select hold time after read
0ns
tsu(A-R)
Address setup time for read
200
ns
th(R-A)
Address hold time after read
0ns
tw(R)
Read pulse width
100
ns
tcW
Write cycle time
200
ns
tsu(S-W)
Chip-select setup time for write
0ns
th(W-S)
Chip-select hold time after write
30
ns
tsu(A-W)
Address setup time for write
0ns
th(W-A)
Address hold time after write
30
ns
tw(W)
Write pulse width
50
ns
Chip select
Address
RD
t h(R-S)
Read cycle
t w(R)
t su(S-R)
t h(R-A)
t su(A-R)
Write cycle
Chip select
Address
WR
t h(W-S)
t w(W)
t su(S-W)
t h(W-A)
t su(A-W)
t cW
t cR


Similar Part No. - R5F64187HDFB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F64187HDFB RENESAS-R5F64187HDFB Datasheet
916Kb / 126P
   RENESAS MCU
More results

Similar Description - R5F64187HDFB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F21334TNFP RENESAS-R5F21334TNFP Datasheet
397Kb / 51P
   RENESAS MCU
R5F21386CNFP RENESAS-R5F21386CNFP Datasheet
537Kb / 57P
   RENESAS MCU
R5F2L357CNFP RENESAS-R5F2L357CNFP Datasheet
854Kb / 76P
   RENESAS MCU
32C8B RENESAS-32C8B Datasheet
1Mb / 69P
   RENESAS MCU
R8C33G RENESAS-R8C33G Datasheet
501Kb / 54P
   RENESAS MCU
R32C116A RENESAS-R32C116A Datasheet
819Kb / 102P
   RENESAS MCU
R5F64206JFB RENESAS-R5F64206JFB Datasheet
1Mb / 103P
   RENESAS MCU
R5F21321DNSP RENESAS-R5F21321DNSP Datasheet
514Kb / 46P
   RENESAS MCU
R5F21354DNFP RENESAS-R5F21354DNFP Datasheet
428Kb / 46P
   RENESAS MCU
R5F21346WJFP RENESAS-R5F21346WJFP Datasheet
623Kb / 70P
   RENESAS MCU
M16C5M RENESAS-M16C5M Datasheet
1,001Kb / 159P
   RENESAS MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com