Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R5F64176HNFD Datasheet(PDF) 27 Page - Renesas Technology Corp

Part # R5F64176HNFD
Description  RENESAS MCU
Download  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F64176HNFD Datasheet(HTML) 27 Page - Renesas Technology Corp

Back Button R5F64176HNFD Datasheet HTML 23Page - Renesas Technology Corp R5F64176HNFD Datasheet HTML 24Page - Renesas Technology Corp R5F64176HNFD Datasheet HTML 25Page - Renesas Technology Corp R5F64176HNFD Datasheet HTML 26Page - Renesas Technology Corp R5F64176HNFD Datasheet HTML 27Page - Renesas Technology Corp R5F64176HNFD Datasheet HTML 28Page - Renesas Technology Corp R5F64176HNFD Datasheet HTML 29Page - Renesas Technology Corp R5F64176HNFD Datasheet HTML 30Page - Renesas Technology Corp R5F64176HNFD Datasheet HTML 31Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 114 page
background image
REJ03B0254-0110
Rev.1.10
Page 27 of 111
Jun 23, 2010
R32C/117 Group
2. Central Processing Unit (CPU)
2.1
General Purpose Registers
2.1.1
Data Registers (R2R0, R3R1, R6R4, and R7R5)
These 32-bit registers are primarily used for transfers and arithmetic/logic operations.
Each of the registers can be divided into upper and lower 16-bit registers, e.g. R2R0 can be divided into
R2 and R0, R3R0 can be divided into R3 and R1, etc.
Moreover, data registers R2R0 and R3R1 can be divided into four 8-bit data registers: upper (R2H and
R3H), mid-upper (R2L and R3L), mid-lower (R0H and R1H), and lower (R0L and R1L).
2.1.2
Address Registers (A0, A1, A2, and A3)
These 32-bit registers have functions similar to data registers. They are also used for address register
indirect addressing and address register relative addressing.
2.1.3
Static Base Register (SB)
This 32-bit register is used for SB relative addressing.
2.1.4
Frame Base Register (FB)
This 32-bit register is used for FB relative addressing.
2.1.5
Program Counter (PC)
This 32-bit counter indicates the address of the instruction to be executed next.
2.1.6
Interrupt Vector Table Base Register (INTB)
This 32-bit register indicates the start address of a relocatable vector table.
2.1.7
User Stack Pointer (USP) and Interrupt Stack Pointer (ISP)
Two types of 32-bit stack pointers (SPs) are provided: user stack pointer (USP) and interrupt stack
pointer (ISP).
Use the stack pointer select flag (U flag) to select either the user stack pointer (USP) or the interrupt
stack pointer (ISP). The U flag is bit 7 in the flag register (FLG). Refer to 2.1.8 “Flag Register (FLG)” for
details.
To minimize the overhead of interrupt sequence due to less memory access, set the user stack pointer
(USP) or the interrupt stack pointer (ISP) to a multiple of 4.
2.1.8
Flag Register (FLG)
This 32-bit register indicates the CPU status.
2.1.8.1
Carry Flag (C flag)
This flag becomes 1 when any of the carry, borrow, shifted-out bit, etc. is generated in the arithmetic
logic unit (ALU).
2.1.8.2
Debug Flag (D flag)
This flag is only for debugging. Only set this bit to 0.
2.1.8.3
Zero Flag (Z flag)
This flag becomes 1 when the result of an operation is 0; otherwise it is 0.
2.1.8.4
Sign Flag (S flag)
This flag becomes 1 when the result of an operation is a negative value; otherwise it is 0.


Similar Part No. - R5F64176HNFD

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F64176HNFD RENESAS-R5F64176HNFD Datasheet
867Kb / 114P
   RENESAS MCU
More results

Similar Description - R5F64176HNFD

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F21334TNFP RENESAS-R5F21334TNFP Datasheet
397Kb / 51P
   RENESAS MCU
R5F21386CNFP RENESAS-R5F21386CNFP Datasheet
537Kb / 57P
   RENESAS MCU
R5F2L357CNFP RENESAS-R5F2L357CNFP Datasheet
854Kb / 76P
   RENESAS MCU
32C8B RENESAS-32C8B Datasheet
1Mb / 69P
   RENESAS MCU
R8C33G RENESAS-R8C33G Datasheet
501Kb / 54P
   RENESAS MCU
R32C116A RENESAS-R32C116A Datasheet
819Kb / 102P
   RENESAS MCU
R5F64206JFB RENESAS-R5F64206JFB Datasheet
1Mb / 103P
   RENESAS MCU
R5F21321DNSP RENESAS-R5F21321DNSP Datasheet
514Kb / 46P
   RENESAS MCU
R5F21354DNFP RENESAS-R5F21354DNFP Datasheet
428Kb / 46P
   RENESAS MCU
R5F21346WJFP RENESAS-R5F21346WJFP Datasheet
623Kb / 70P
   RENESAS MCU
M16C5M RENESAS-M16C5M Datasheet
1,001Kb / 159P
   RENESAS MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com