Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R5F64187HNFB Datasheet(PDF) 100 Page - Renesas Technology Corp

Part # R5F64187HNFB
Description  RENESAS MCU
Download  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F64187HNFB Datasheet(HTML) 100 Page - Renesas Technology Corp

Back Button R5F64187HNFB Datasheet HTML 96Page - Renesas Technology Corp R5F64187HNFB Datasheet HTML 97Page - Renesas Technology Corp R5F64187HNFB Datasheet HTML 98Page - Renesas Technology Corp R5F64187HNFB Datasheet HTML 99Page - Renesas Technology Corp R5F64187HNFB Datasheet HTML 100Page - Renesas Technology Corp R5F64187HNFB Datasheet HTML 101Page - Renesas Technology Corp R5F64187HNFB Datasheet HTML 102Page - Renesas Technology Corp R5F64187HNFB Datasheet HTML 103Page - Renesas Technology Corp R5F64187HNFB Datasheet HTML 104Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 126 page
background image
REJ03B0255-0110
Rev.1.10
Page 100 of 123
Jun 23, 2010
R32C/118 Group
5. Electrical Characteristics
VCC =5V
Timing Requirements (VCC = 4.2 to 5.5 V, VSS = 0 V, and Ta =Topr, unless otherwise noted)
Table 5.30
Serial Interface
Symbol
Characteristic
Value
Unit
Min.
Max.
tc(CK)
CLKi input clock period
200
ns
tw(CKH)
CLKi input high level pulse width
80
ns
tw(CKL)
CLKi input low level pulse width
80
ns
tsu(D-C)
RXDi input setup time
80
ns
th(C-D)
RXDi input hold time
90
ns
Table 5.31
A/D Trigger Input
Symbol
Characteristic
Value
Unit
Min.
Max.
tw(ADH)
ADTRG input high level pulse width
Hardware trigger input high level pulse width
ns
tw(ADL)
ADTRG input low level pulse width
Hardware trigger input high level pulse width
125
ns
Table 5.32
External Interrupt INTi Input
Symbol
Characteristic
Value
Unit
Min.
Max.
tw(INH)
INTi input high level pulse width
Edge sensitive
250
ns
Level sensitive
tc(CPU) + 200
ns
tw(INL)
INTi input low level pulse width
Edge sensitive
250
ns
Level sensitive
tc(CPU) + 200
ns
Table 5.33
Intelligent I/O
Symbol
Characteristic
Value
Unit
Min.
Max.
tc(ISCLK2)
ISCLK2 input clock period
600
ns
tw(ISCLK2H)
ISCLK2 input high level pulse width
270
ns
tw(ISCLK2L)
ISCLK2 input low level pulse width
270
ns
tsu(RXD-ISCLK2) ISRXD2 input setup time
150
ns
th(ISCLK2-RXD)
ISRXD2 input hold time
100
ns
3
φ
AD
----------


Similar Part No. - R5F64187HNFB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F64187HNFB RENESAS-R5F64187HNFB Datasheet
916Kb / 126P
   RENESAS MCU
More results

Similar Description - R5F64187HNFB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F21334TNFP RENESAS-R5F21334TNFP Datasheet
397Kb / 51P
   RENESAS MCU
R5F21386CNFP RENESAS-R5F21386CNFP Datasheet
537Kb / 57P
   RENESAS MCU
R5F2L357CNFP RENESAS-R5F2L357CNFP Datasheet
854Kb / 76P
   RENESAS MCU
32C8B RENESAS-32C8B Datasheet
1Mb / 69P
   RENESAS MCU
R8C33G RENESAS-R8C33G Datasheet
501Kb / 54P
   RENESAS MCU
R32C116A RENESAS-R32C116A Datasheet
819Kb / 102P
   RENESAS MCU
R5F64206JFB RENESAS-R5F64206JFB Datasheet
1Mb / 103P
   RENESAS MCU
R5F21321DNSP RENESAS-R5F21321DNSP Datasheet
514Kb / 46P
   RENESAS MCU
R5F21354DNFP RENESAS-R5F21354DNFP Datasheet
428Kb / 46P
   RENESAS MCU
R5F21346WJFP RENESAS-R5F21346WJFP Datasheet
623Kb / 70P
   RENESAS MCU
M16C5M RENESAS-M16C5M Datasheet
1,001Kb / 159P
   RENESAS MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com