Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R5F35MEEKFE Datasheet(PDF) 36 Page - Renesas Technology Corp

Part # R5F35MEEKFE
Description  RENESAS MCU
Download  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F35MEEKFE Datasheet(HTML) 36 Page - Renesas Technology Corp

Back Button R5F35MEEKFE Datasheet HTML 32Page - Renesas Technology Corp R5F35MEEKFE Datasheet HTML 33Page - Renesas Technology Corp R5F35MEEKFE Datasheet HTML 34Page - Renesas Technology Corp R5F35MEEKFE Datasheet HTML 35Page - Renesas Technology Corp R5F35MEEKFE Datasheet HTML 36Page - Renesas Technology Corp R5F35MEEKFE Datasheet HTML 37Page - Renesas Technology Corp R5F35MEEKFE Datasheet HTML 38Page - Renesas Technology Corp R5F35MEEKFE Datasheet HTML 39Page - Renesas Technology Corp R5F35MEEKFE Datasheet HTML 40Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 159 page
background image
REJ03B0267-0101
Rev.1.01
Page 36 of 156
Jul 23, 2010
M16C/5M Group, M16C/57 Group
4. Special Function Registers (SFRs)
Note:
1.
The blank areas are reserved. No access is allowed.
Table 4.5
SFR Information (5) (1)
Address
Register
Symbol
Reset Value
0080h
E2dataFlash Address Register
E2FA
00h
0081h
00h
0082h
XXh
0083h
XXh
0084h
0085h
0086h
0087h
0088h
E2dataFlash Command Register
E2FI
00h
0089h
XXh
008Ah
008Bh
008Ch
E2dataFlash Data Register
E2FD
XXh
008Dh
XXh
008Eh
008Fh
0090h
E2dataFlash Mode Register
E2FM
00h
0091h
0092h
E2dataFlash Control Register
E2FC
XXXX XXX0b
0093h
0094h
E2dataFlash Status Register 1
E2FS1
XXXX XXX0b
0095h
0096h
0097h
0098h
0099h
009Ah
009Bh
009Ch
009Dh
009Eh
009Fh
00A0h
00A1h
E2dataFlash Status Register 0
E2FS0
0X00 XXXXb
00A2h
00A3h
00A4h
00A5h
00A6h
00A7h
00A8h
00A9h
00AAh
00ABh
00ACh
00ADh
00AEh
00AFh
00B0h to
015Fh
X: Undefined


Similar Part No. - R5F35MEEKFE

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F35MEEKFE RENESAS-R5F35MEEKFE Datasheet
1Mb / 159P
   RENESAS MCU
More results

Similar Description - R5F35MEEKFE

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F21334TNFP RENESAS-R5F21334TNFP Datasheet
397Kb / 51P
   RENESAS MCU
R5F21386CNFP RENESAS-R5F21386CNFP Datasheet
537Kb / 57P
   RENESAS MCU
R5F2L357CNFP RENESAS-R5F2L357CNFP Datasheet
854Kb / 76P
   RENESAS MCU
32C8B RENESAS-32C8B Datasheet
1Mb / 69P
   RENESAS MCU
R8C33G RENESAS-R8C33G Datasheet
501Kb / 54P
   RENESAS MCU
R32C116A RENESAS-R32C116A Datasheet
819Kb / 102P
   RENESAS MCU
R5F64206JFB RENESAS-R5F64206JFB Datasheet
1Mb / 103P
   RENESAS MCU
R5F21321DNSP RENESAS-R5F21321DNSP Datasheet
514Kb / 46P
   RENESAS MCU
R5F21354DNFP RENESAS-R5F21354DNFP Datasheet
428Kb / 46P
   RENESAS MCU
R5F21346WJFP RENESAS-R5F21346WJFP Datasheet
623Kb / 70P
   RENESAS MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com