Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RJK5003DPD-00-J2 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # RJK5003DPD-00-J2
Description  Silicon N Channel Power MOS FET High Speed Power Switching Use
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RJK5003DPD-00-J2 Datasheet(HTML) 3 Page - Renesas Technology Corp

  RJK5003DPD-00-J2 Datasheet HTML 1Page - Renesas Technology Corp RJK5003DPD-00-J2 Datasheet HTML 2Page - Renesas Technology Corp RJK5003DPD-00-J2 Datasheet HTML 3Page - Renesas Technology Corp RJK5003DPD-00-J2 Datasheet HTML 4Page - Renesas Technology Corp RJK5003DPD-00-J2 Datasheet HTML 5Page - Renesas Technology Corp RJK5003DPD-00-J2 Datasheet HTML 6Page - Renesas Technology Corp RJK5003DPD-00-J2 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
RJK5003DPD
Preliminary
R07DS0049EJ0400 Rev.4.00
Page 3 of 6
Jul 22, 2010
Main Characteristics
0
2
4
6
8
10
04
8
12
16
20
0
1
2
3
4
5
02
4
6
8
10
Power vs. Temperature Derating
Case Temperature Tc (°C)
Maximum Safe Operating Area
Drain to Source Voltage VDS (V)
Typical Output Characteristics
Drain to Source Voltage VDS (V)
Typical Output Characteristics
Drain to Source Voltage VDS (V)
0
10
20
30
40
50
60
70
0
50
100
150
200
PDS = 62.5 W
Tc = 25°C
Pulse Test
Tc = 25°C
Pulse Test
5 V
5 V
4V
10 V
7 V
VGS = 20 V
6 V
10 V
7 V
VGS = 20 V
6 V
4 V
0
4
8
12
16
20
0
4
8
12
16
20
0
0.8
1.6
2.4
3.2
4
Drain to Source Saturation Voltage vs.
Gate to Source Voltage (Typical)
Gate to Source Voltage VGS (V)
Static Drain to Source on State Resistance vs.
Drain Current (Typical)
Drain Current ID (A)
ID = 8 A
Tc = 25°C
Pulse Test
5 A
3 A
VGS = 10 V
20 V
Tc = 25°C
Pulse Test
100
10–1
101
102
0.01
0.1
1
10
100
1
10
100
1000
PW
=
10
μs
100
μs
DC
Tc = 25
°C
Single pulse
Operation in this area is
limited by RDS(on)


Similar Part No. - RJK5003DPD-00-J2

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJK5003DPD-00-J2 RENESAS-RJK5003DPD-00-J2 Datasheet
86Kb / 7P
   Silicon N Channel Power MOS FET High Speed Power Switching Use
More results

Similar Description - RJK5003DPD-00-J2

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJK5003DPD RENESAS-RJK5003DPD_15 Datasheet
97Kb / 7P
   Silicon N Channel Power MOS FET High Speed Power Switching Use
RJK5003DPD RENESAS-RJK5003DPD Datasheet
86Kb / 7P
   Silicon N Channel Power MOS FET High Speed Power Switching Use
HAT2038R RENESAS-HAT2038R_15 Datasheet
248Kb / 10P
   Silicon N Channel Power MOS FET High Speed Power Switching Use
RJK0629DPK RENESAS-RJK0629DPK Datasheet
119Kb / 7P
   N Channel Power MOS FET High-Speed Switching Use
RJK0629DPN RENESAS-RJK0629DPN Datasheet
115Kb / 7P
   N Channel Power MOS FET High-Speed Switching Use
RJK0629DPE RENESAS-RJK0629DPE Datasheet
119Kb / 7P
   N Channel Power MOS FET High-Speed Switching Use
HAT2026R RENESAS-HAT2026R_15 Datasheet
108Kb / 9P
   Silicon N Channel Power MOS FET High Speed Power Switching
HAT2058R RENESAS-HAT2058R_15 Datasheet
249Kb / 10P
   Silicon N Channel Power MOS FET High Speed Power Switching
RJK0631JPE RENESAS-RJK0631JPE Datasheet
126Kb / 7P
   Silicon N Channel Power MOS FET High Speed Power Switching
HAT2058R RENESAS-HAT2058R Datasheet
86Kb / 10P
   Silicon N Channel Power MOS FET High Speed Power Switching
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com