Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R5F64179NFB Datasheet(PDF) 30 Page - Renesas Technology Corp

Part # R5F64179NFB
Description  RENESAS MCU
Download  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F64179NFB Datasheet(HTML) 30 Page - Renesas Technology Corp

Back Button R5F64179NFB Datasheet HTML 26Page - Renesas Technology Corp R5F64179NFB Datasheet HTML 27Page - Renesas Technology Corp R5F64179NFB Datasheet HTML 28Page - Renesas Technology Corp R5F64179NFB Datasheet HTML 29Page - Renesas Technology Corp R5F64179NFB Datasheet HTML 30Page - Renesas Technology Corp R5F64179NFB Datasheet HTML 31Page - Renesas Technology Corp R5F64179NFB Datasheet HTML 32Page - Renesas Technology Corp R5F64179NFB Datasheet HTML 33Page - Renesas Technology Corp R5F64179NFB Datasheet HTML 34Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 114 page
background image
REJ03B0254-0110
Rev.1.10
Page 30 of 111
Jun 23, 2010
R32C/117 Group
3. Memory
3.
Memory
Figure 3.1 shows the memory map of the R32C/117 Group.
The R32C/117 Group provides a 4-Gbyte address space from 00000000h to FFFFFFFFh.
The internal ROM is mapped to the end of the memory map with the ending address fixed at FFFFFFFFh.
Therefore, the 1-Mbyte internal ROM is mapped from FFF00000h to FFFFFFFFh.
The fixed interrupt vector table which contains each start address of interrupt handlers is mapped from
FFFFFFDCh to FFFFFFFFh.
The internal RAM is mapped to the beginning of the memory map with the starting address fixed at
00000400h. Therefore, the 63-Kbyte internal RAM is mapped from 00000400h to 0000FFFFh. Besides
being used for data storage, the internal RAM functions as a stack(s) for subroutines and/or interrupt
handlers.
Special Function Registers (SFRs), which are control registers for peripheral functions, are mapped from
00000000h to 000003FFh, and from 00040000h to 0004FFFFh. Unoccupied SFR locations are reserved.
No access is allowed.
In memory expansion mode or microprocessor mode, some spaces are reserved for internal use and should
not be accessed.
Figure 3.1
Memory Map
Internal RAM
SFR1
SFR2
00000000h
FFFFFFFFh
Reset
NMI
Reserved
Reserved
Reserved
BRK instruction
Overflow
Undefined instruction
Watchdog timer (5)
FFFFFFFFh
FFFFFFDCh
YYYYYYYYh
00000400h
XXXXXXXXh
Reserved
00040000h
Internal ROM
(Data space) (1)
00060000h
00062000h
00050000h
Reserved
Internal RAM
Capacity
XXXXXXXXh
63 Kbytes
00010000h
40 Kbytes
0000A400h
Internal ROM
Capacity
YYYYYYYYh
512 Kbytes FFF80000h
640 Kbytes FFF60000h
768 Kbytes FFF40000h
1 Mbyte
FFF00000h
48 Kbytes
0000C400h
External space (2)
Reserved
00080000h
Reserved (3)
FFE00000h
Internal ROM (4)
384 Kbytes FFFA0000h
Notes:
1. Additional two 4-Kbyte spaces (blocks A and B) for storing data are provided in the flash memory version.
2. This space can be used in memory expansion mode or microprocessor mode. Addresses from 02000000h
to FDFFFFFFh are inaccessible.
3. This space is reserved in memory expansion mode. It can be external space in microprocessor mode.
4. This space can be used in single-chip mode or memory expansion mode. It can be external space in
microprocessor mode.
5. The watchdog timer interrupt shares the vector table with the oscillator stop detection interrupt and low
voltage detection interrupt.
20 Kbytes
00005400h
256 Kbytes FFFC0000h
128 Kbytes FFFE0000h


Similar Part No. - R5F64179NFB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F64179NFB RENESAS-R5F64179NFB Datasheet
1Mb / 110P
   RENESAS MCU
R5F64179NFB RENESAS-R5F64179NFB Datasheet
867Kb / 114P
   RENESAS MCU
R5F64179NFB RENESAS-R5F64179NFB Datasheet
802Kb / 114P
   RENESAS MCU
More results

Similar Description - R5F64179NFB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F21334TNFP RENESAS-R5F21334TNFP Datasheet
397Kb / 51P
   RENESAS MCU
R5F21386CNFP RENESAS-R5F21386CNFP Datasheet
537Kb / 57P
   RENESAS MCU
R5F2L357CNFP RENESAS-R5F2L357CNFP Datasheet
854Kb / 76P
   RENESAS MCU
32C8B RENESAS-32C8B Datasheet
1Mb / 69P
   RENESAS MCU
R8C33G RENESAS-R8C33G Datasheet
501Kb / 54P
   RENESAS MCU
R32C116A RENESAS-R32C116A Datasheet
819Kb / 102P
   RENESAS MCU
R5F64206JFB RENESAS-R5F64206JFB Datasheet
1Mb / 103P
   RENESAS MCU
R5F21321DNSP RENESAS-R5F21321DNSP Datasheet
514Kb / 46P
   RENESAS MCU
R5F21354DNFP RENESAS-R5F21354DNFP Datasheet
428Kb / 46P
   RENESAS MCU
R5F21346WJFP RENESAS-R5F21346WJFP Datasheet
623Kb / 70P
   RENESAS MCU
M16C5M RENESAS-M16C5M Datasheet
1,001Kb / 159P
   RENESAS MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com