Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

R5F64178NFB Datasheet(PDF) 28 Page - Renesas Technology Corp

Part No. R5F64178NFB
Description  RENESAS MCU
Download  114 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RENESAS [Renesas Technology Corp]
Homepage  http://www.renesas.com
Logo 

R5F64178NFB Datasheet(HTML) 28 Page - Renesas Technology Corp

Zoom Inzoom in Zoom Outzoom out
 28 / 114 page
background image
REJ03B0254-0110
Rev.1.10
Page 28 of 111
Jun 23, 2010
R32C/117 Group
2. Central Processing Unit (CPU)
2.1.8.5
Register Bank Select Flag (B flag)
This flag selects a register bank. It indicates 0 when the register bank 0 is selected, and 1 when the
register bank 1 is selected.
2.1.8.6
Overflow Flag (O flag)
This flag becomes 1 if an overflow occurs in an operation; otherwise it is 0.
2.1.8.7
Interrupt Enable Flag (I flag)
This flag enables maskable interrupts. To disable maskable interrupts, set this flag to 0. To enable
them, set this flag to 1. When an interrupt is accepted, the flag becomes 0.
2.1.8.8
Stack Pointer Select Flag (U flag)
To select the interrupt stack pointer (ISP), set this flag to 0. To select the user stack pointer (USP), set
this flag to 1.
It becomes 0 when a hardware interrupts is accepted or when an INT instruction designated by a
software interrupt number from 0 to 127 is executed.
2.1.8.9
Floating-point Underflow Flag (FU flag)
This flag becomes 1 when an underflow occurs in a floating-point operation; otherwise it is 0. It also
becomes 1 when the operand has invalid numbers (subnormal numbers).
2.1.8.10
Floating-point Overflow Flag (FO flag)
This flag becomes 1 when an overflow occurs in a floating-point operation; otherwise it is 0. It also
becomes 1 when the operand has invalid numbers (subnormal numbers).
2.1.8.11
Processor Interrupt Priority Level (IPL)
The processor interrupt priority level (IPL), consisting of three bits, selects a processor interrupt priority
level from level 0 to 7. An interrupt is acceptable when the interrupt request level is higher than the
selected IPL.
When the processor interrupt priority level (IPL) is set to 111b (level 7), all interrupts are disabled.
2.1.8.12
Fixed-point Radix Point Designation Bit (DP bit)
This bit designates the radix point. It also specifies which portion of the fixed-point multiplication result
to take. It is used in the MULX instruction.
2.1.8.13
Floating-point Rounding Mode (RND)
The 2-bit floating-point rounding mode selects a rounding mode for floating-point calculation results.
2.1.8.14
Reserved
Only set this bit to 0. The read value is undefined.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn