Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

R5F64178NFB Datasheet(PDF) 22 Page - Renesas Technology Corp

Part No. R5F64178NFB
Description  RENESAS MCU
Download  114 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RENESAS [Renesas Technology Corp]
Homepage  http://www.renesas.com
Logo 

R5F64178NFB Datasheet(HTML) 22 Page - Renesas Technology Corp

Zoom Inzoom in Zoom Outzoom out
 22 / 114 page
background image
REJ03B0254-0110
Rev.1.10
Page 22 of 111
Jun 23, 2010
R32C/117 Group
1. Overview
Note:
1.
Pins
BC2/D1, WR2, WR3, BC2, and BC3 are available in the 144-pin package only.
Table 1.17
Pin Definitions and Functions (2/4)
Function
Symbol
I/O
Description
Bus control pins
BC0/D0, BC2/D1
(1)
I/O
Output of byte control (
BC0 and BC2) and input/output of
data (D0 and D1) by time-division while accessing an
external memory space with multiplexed bus
CS0 to CS3
O
Chip select output
WR0/WR1/WR2/
WR3
WR/BC0/BC1/
BC2/BC3
RD (1)
O
Output of write, byte control, and read signals. Either
WRx
or
WR and BCx can be selected by a program.
Data is read when
RD is low.
• When
WR0, WR1, WR2, WR3, and RD are selected,
data is written to the following address:
4n+0, when
WR0 is low
4n+1, when
WR1 is low
4n+2, when
WR2 is low
4n+3, when
WR3 is low
on 32-bit external data bus
or
an even address, when
WR0 is low
an odd address, when
WR1 is low
on 16-bit external data bus
• When
WR, BC0, BC1, BC2, BC3, and RD are selected,
data is written, when
WR is low
and
the following address is accessed:
4n+0, when
BC0 is low
4n+1, when
BC1 is low
4n+2, when
BC2 is low
4n+3, when
BC3 is low
on 32-bit external data bus
or
an even address, when
BC0 is low
an odd address, when
BC1 is low
on 16-bit external data bus
ALE
O
Latch enable signal in multiplexed bus format
HOLD
I
The MCU is in a hold state while this pin is held low
HLDA
O
This pin is driven low while the MCU is held in a hold state
RDY
I
Bus cycle is extended by the CPU if this pin is low on the
falling edge of the BCLK


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn