Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

R5F64178NFB Datasheet(PDF) 8 Page - Renesas Technology Corp

Part No. R5F64178NFB
Description  RENESAS MCU
Download  114 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RENESAS [Renesas Technology Corp]
Homepage  http://www.renesas.com
Logo 

R5F64178NFB Datasheet(HTML) 8 Page - Renesas Technology Corp

Zoom Inzoom in Zoom Outzoom out
 8 / 114 page
background image
REJ03B0254-0110
Rev.1.10
Page 8 of 111
Jun 23, 2010
R32C/117 Group
1. Overview
Notes:
1.
The old package codes are as follows:PLQP0100KB-A: 100P6Q-A, PLQP0144KA-A: 144P6Q-A
2.
Data flash memory provides an additional 8 Kbytes of ROM capacity.
Table 1.7
R32C/117 Group Product List for High Speed Version (3/4)
As of June, 2010
Part Number
Package Code (1)
ROM Capacity (2)
RAM Capacity
Remarks
R5F6417BHNFB
(P)
PLQP0100KB-A
128 Kbytes
+ 8 Kbytes
20 Kbytes
-20°C to 85°C (version N)
R5F6417BHDFB
(D)
-40°C to 85°C (version D)
R5F6417BHPFB
(P)
-40°C to 85°C (version P)
R5F6417AHNFB
(P)
PLQP0100KB-A
256 Kbytes
+ 8 Kbytes
-20°C to 85°C (version N)
R5F6417AHDFB
(D)
-40°C to 85°C (version D)
R5F6417AHPFB
(P)
-40°C to 85°C (version P)
R5F64175HNFD
(P)
PLQP0144KA-A
384 Kbytes
+ 8 Kbytes
40 Kbytes
-20°C to 85°C (version N)
R5F64175HDFD
(D)
-40°C to 85°C (version D)
R5F64175HPFD
(D)
-40°C to 85°C (version P)
R5F64175HNFB
(P)
PLQP0100KB-A
-20°C to 85°C (version N)
R5F64175HDFB
(D)
-40°C to 85°C (version D)
R5F64175HPFB
(D)
-40°C to 85°C (version P)
R5F64176HNFD
(P)
PLQP0144KA-A
512 Kbytes
+ 8 Kbytes
-20°C to 85°C (version N)
R5F64176HDFD
(D)
-40°C to 85°C (version D)
R5F64176HPFD
(D)
-40°C to 85°C (version P)
R5F64176HNFB
(P)
PLQP0100KB-A
-20°C to 85°C (version N)
R5F64176HDFB
(D)
-40°C to 85°C (version D)
R5F64176HPFB
(D)
-40°C to 85°C (version P)
R5F64177HNFD
(P)
PLQP0144KA-A
640 Kbytes
+ 8 Kbytes
48 Kbytes
-20°C to 85°C (version N)
R5F64177HDFD
(D)
-40°C to 85°C (version D)
R5F64177HPFD
(D)
-40°C to 85°C (version P)
R5F64177HNFB
(P)
PLQP0100KB-A
-20°C to 85°C (version N)
R5F64177HDFB
(D)
-40°C to 85°C (version D)
R5F64177HPFB
(D)
-40°C to 85°C (version P)
(D): Under development (P): On planning phase


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn