Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R5F64178NFB Datasheet(PDF) 55 Page - Renesas Technology Corp

Part # R5F64178NFB
Description  RENESAS MCU
Download  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F64178NFB Datasheet(HTML) 55 Page - Renesas Technology Corp

Back Button R5F64178NFB Datasheet HTML 51Page - Renesas Technology Corp R5F64178NFB Datasheet HTML 52Page - Renesas Technology Corp R5F64178NFB Datasheet HTML 53Page - Renesas Technology Corp R5F64178NFB Datasheet HTML 54Page - Renesas Technology Corp R5F64178NFB Datasheet HTML 55Page - Renesas Technology Corp R5F64178NFB Datasheet HTML 56Page - Renesas Technology Corp R5F64178NFB Datasheet HTML 57Page - Renesas Technology Corp R5F64178NFB Datasheet HTML 58Page - Renesas Technology Corp R5F64178NFB Datasheet HTML 59Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 114 page
background image
REJ03B0254-0110
Rev.1.10
Page 55 of 111
Jun 23, 2010
R32C/117 Group
4. Special Function Registers (SFRs)
Table 4.25
SFR List (25)
Address
Register
Symbol
Reset Value
044090h to
0443FFh
044400h I2C Bus Transmit/Receive Shift Register
I2CTRSR
XXh
044401h
044402h I2C Bus Slave Address Register
I2CSAR
00h
044403h I2C Bus Control Register 0
I2CCR0
0000 0000b
044404h I2C Bus Clock Control Register
I2CCCR
0000 0000b
044405h I2C Bus START Condition/STOP Condition Control
Register
I2CSSCR
0000 0000b
044406h I2C Bus Control Register 1
I2CCR1
0000 0000b
044407h I2C Bus Control Register 2
I2CCR2
0000 0000b
044408h I2C Bus Status Register
I2CSR
0000 0000b
044409h
04440Ah
04440Bh
04440Ch
04440Dh
04440Eh
04440Fh
044410h I2C Bus Mode Register
I2CMR
0000 0000b
044411h
044412h
044413h
044414h
044415h
044416h
044417h
044418h
044419h
04441Ah
04441Bh
04441Ch
04441Dh
04441Eh
04441Fh
044420h to
0467FFh
X: Undefined
Blanks are reserved. No access is allowed.


Similar Part No. - R5F64178NFB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F64178NFB RENESAS-R5F64178NFB Datasheet
1Mb / 110P
   RENESAS MCU
R5F64178NFB RENESAS-R5F64178NFB Datasheet
867Kb / 114P
   RENESAS MCU
R5F64178NFB RENESAS-R5F64178NFB Datasheet
802Kb / 114P
   RENESAS MCU
More results

Similar Description - R5F64178NFB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F21334TNFP RENESAS-R5F21334TNFP Datasheet
397Kb / 51P
   RENESAS MCU
R5F21386CNFP RENESAS-R5F21386CNFP Datasheet
537Kb / 57P
   RENESAS MCU
R5F2L357CNFP RENESAS-R5F2L357CNFP Datasheet
854Kb / 76P
   RENESAS MCU
32C8B RENESAS-32C8B Datasheet
1Mb / 69P
   RENESAS MCU
R8C33G RENESAS-R8C33G Datasheet
501Kb / 54P
   RENESAS MCU
R32C116A RENESAS-R32C116A Datasheet
819Kb / 102P
   RENESAS MCU
R5F64206JFB RENESAS-R5F64206JFB Datasheet
1Mb / 103P
   RENESAS MCU
R5F21321DNSP RENESAS-R5F21321DNSP Datasheet
514Kb / 46P
   RENESAS MCU
R5F21354DNFP RENESAS-R5F21354DNFP Datasheet
428Kb / 46P
   RENESAS MCU
R5F21346WJFP RENESAS-R5F21346WJFP Datasheet
623Kb / 70P
   RENESAS MCU
M16C5M RENESAS-M16C5M Datasheet
1,001Kb / 159P
   RENESAS MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com