Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R5F64169DFB Datasheet(PDF) 35 Page - Renesas Technology Corp

Part # R5F64169DFB
Description  RENESAS MCU
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F64169DFB Datasheet(HTML) 35 Page - Renesas Technology Corp

Back Button R5F64169DFB Datasheet HTML 31Page - Renesas Technology Corp R5F64169DFB Datasheet HTML 32Page - Renesas Technology Corp R5F64169DFB Datasheet HTML 33Page - Renesas Technology Corp R5F64169DFB Datasheet HTML 34Page - Renesas Technology Corp R5F64169DFB Datasheet HTML 35Page - Renesas Technology Corp R5F64169DFB Datasheet HTML 36Page - Renesas Technology Corp R5F64169DFB Datasheet HTML 37Page - Renesas Technology Corp R5F64169DFB Datasheet HTML 38Page - Renesas Technology Corp R5F64169DFB Datasheet HTML 39Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 50 page
background image
REJ03B0253-0110
Rev.1.10
Page 35 of 95
Jun 23, 2010
R32C/116 Group
4. Special Function Registers (SFRs)
Table 4.7
SFR List (7)
Address
Register
Symbol
Reset Value
000140h Group 2 Waveform Generation Register 0
G2PO0
XXXXh
000141h
000142h Group 2 Waveform Generation Register 1
G2PO1
XXXXh
000143h
000144h Group 2 Waveform Generation Register 2
G2PO2
XXXXh
000145h
000146h Group 2 Waveform Generation Register 3
G2PO3
XXXXh
000147h
000148h Group 2 Waveform Generation Register 4
G2PO4
XXXXh
000149h
00014Ah Group 2 Waveform Generation Register 5
G2PO5
XXXXh
00014Bh
00014Ch Group 2 Waveform Generation Register 6
G2PO6
XXXXh
00014Dh
00014Eh Group 2 Waveform Generation Register 7
G2PO7
XXXXh
00014Fh
000150h Group 2 Waveform Generation Control Register 0
G2POCR0
0000 0000b
000151h Group 2 Waveform Generation Control Register 1
G2POCR1
0000 0000b
000152h Group 2 Waveform Generation Control Register 2
G2POCR2
0000 0000b
000153h Group 2 Waveform Generation Control Register 3
G2POCR3
0000 0000b
000154h Group 2 Waveform Generation Control Register 4
G2POCR4
0000 0000b
000155h Group 2 Waveform Generation Control Register 5
G2POCR5
0000 0000b
000156h Group 2 Waveform Generation Control Register 6
G2POCR6
0000 0000b
000157h Group 2 Waveform Generation Control Register 7
G2POCR7
0000 0000b
000158h
000159h
00015Ah
00015Bh
00015Ch
00015Dh
00015Eh
00015Fh
000160h Group 2 Base Timer Register
G2BT
XXXXh
000161h
000162h Group 2 Base Timer Control Register 0
G2BCR0
00h
000163h Group 2 Base Timer Control Register 1
G2BCR1
0000 0000b
000164h Base Timer Start Register
BTSR
XXXX 0000b
000165h
000166h Group 2 Function Enable Register
G2FE
00h
000167h Group 2 RTP Output Buffer Register
G2RTP
00h
000168h
000169h
00016Ah Group 2 Serial Interface Mode Register
G2MR
00XX X000b
00016Bh Group 2 Serial Interface Control Register
G2CR
0000 X110b
00016Ch Group 2 SI/O Transmit Buffer Register
G2TB
XXXXh
00016Dh
00016Eh Group 2 SI/O Receive Buffer Register
G2RB
XXXXh
00016Fh
X: Undefined
Blanks are reserved. No access is allowed.


Similar Part No. - R5F64169DFB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F64169DFB RENESAS-R5F64169DFB Datasheet
1Mb / 96P
   RENESAS MCU
R5F64169DFB RENESAS-R5F64169DFB Datasheet
798Kb / 98P
   RENESAS MCU
R5F64169DFB RENESAS-R5F64169DFB Datasheet
740Kb / 99P
   RENESAS MCU
More results

Similar Description - R5F64169DFB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F21334TNFP RENESAS-R5F21334TNFP Datasheet
397Kb / 51P
   RENESAS MCU
R5F21386CNFP RENESAS-R5F21386CNFP Datasheet
537Kb / 57P
   RENESAS MCU
R5F2L357CNFP RENESAS-R5F2L357CNFP Datasheet
854Kb / 76P
   RENESAS MCU
32C8B RENESAS-32C8B Datasheet
1Mb / 69P
   RENESAS MCU
R8C33G RENESAS-R8C33G Datasheet
501Kb / 54P
   RENESAS MCU
R32C116A RENESAS-R32C116A Datasheet
819Kb / 102P
   RENESAS MCU
R5F64206JFB RENESAS-R5F64206JFB Datasheet
1Mb / 103P
   RENESAS MCU
R5F21321DNSP RENESAS-R5F21321DNSP Datasheet
514Kb / 46P
   RENESAS MCU
R5F21354DNFP RENESAS-R5F21354DNFP Datasheet
428Kb / 46P
   RENESAS MCU
R5F21346WJFP RENESAS-R5F21346WJFP Datasheet
623Kb / 70P
   RENESAS MCU
M16C5M RENESAS-M16C5M Datasheet
1,001Kb / 159P
   RENESAS MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com