Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R5F64178NFD Datasheet(PDF) 49 Page - Renesas Technology Corp

Part # R5F64178NFD
Description  RENESAS MCU
Download  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F64178NFD Datasheet(HTML) 49 Page - Renesas Technology Corp

Back Button R5F64178NFD Datasheet HTML 45Page - Renesas Technology Corp R5F64178NFD Datasheet HTML 46Page - Renesas Technology Corp R5F64178NFD Datasheet HTML 47Page - Renesas Technology Corp R5F64178NFD Datasheet HTML 48Page - Renesas Technology Corp R5F64178NFD Datasheet HTML 49Page - Renesas Technology Corp R5F64178NFD Datasheet HTML 50Page - Renesas Technology Corp R5F64178NFD Datasheet HTML 51Page - Renesas Technology Corp R5F64178NFD Datasheet HTML 52Page - Renesas Technology Corp R5F64178NFD Datasheet HTML 53Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 114 page
background image
REJ03B0254-0110
Rev.1.10
Page 49 of 111
Jun 23, 2010
R32C/117 Group
4. Special Function Registers (SFRs)
Note:
1.
The value in the PM0 register remains unchanged even after a software reset or watchdog timer reset.
Table 4.19
SFR List (19)
Address
Register
Symbol
Reset Value
040030h to
04003Fh
040040h
040041h
040042h
040043h
040044h Processor Mode Register 0 (1)
PM0
1000 0000b
(CNVSS pin = Low)
0000 0011b
(CNVSS pin = High)
040045h
040046h System Clock Control Register 0
CM0
0000 1000b
040047h System Clock Control Register 1
CM1
0010 0000b
040048h Processor Mode Register 3
PM3
00h
040049h
04004Ah Protect Register
PRCR
XXXX X000b
04004Bh
04004Ch Protect Register 3
PRCR3
0000 0000b
04004Dh Oscillator Stop Detection Register
CM2
00h
04004Eh
04004Fh
040050h
040051h
040052h
040053h Processor Mode Register 2
PM2
00h
040054h Chip Select Output Pin Setting Register 0
CSOP0
1000 XXXXb
040055h Chip Select Output Pin Setting Register 1
CSOP1
01X0 XXXXb
040056h Chip Select Output Pin Setting Register 2
CSOP2
XXXX 0000b
040057h
040058h
040059h
04005Ah Low Speed Mode Clock Control Register
CM3
XXXX XX00b
04005Bh
04005Ch
04005Dh
04005Eh
04005Fh
040060h Voltage Regulator Control Register
VRCR
0000 0000b
040061h
040062h Low Voltage Detector Control Register
LVDC
0000 XX00b
040063h
040064h Detection Voltage Configuration Register
DVCR
0000 XXXXb
040065h
040066h
040067h
040068h to
040093h
X: Undefined
Blanks are reserved. No access is allowed.


Similar Part No. - R5F64178NFD

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F64178NFD RENESAS-R5F64178NFD Datasheet
1Mb / 110P
   RENESAS MCU
R5F64178NFD RENESAS-R5F64178NFD Datasheet
867Kb / 114P
   RENESAS MCU
R5F64178NFD RENESAS-R5F64178NFD Datasheet
802Kb / 114P
   RENESAS MCU
More results

Similar Description - R5F64178NFD

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F21334TNFP RENESAS-R5F21334TNFP Datasheet
397Kb / 51P
   RENESAS MCU
R5F21386CNFP RENESAS-R5F21386CNFP Datasheet
537Kb / 57P
   RENESAS MCU
R5F2L357CNFP RENESAS-R5F2L357CNFP Datasheet
854Kb / 76P
   RENESAS MCU
32C8B RENESAS-32C8B Datasheet
1Mb / 69P
   RENESAS MCU
R8C33G RENESAS-R8C33G Datasheet
501Kb / 54P
   RENESAS MCU
R32C116A RENESAS-R32C116A Datasheet
819Kb / 102P
   RENESAS MCU
R5F64206JFB RENESAS-R5F64206JFB Datasheet
1Mb / 103P
   RENESAS MCU
R5F21321DNSP RENESAS-R5F21321DNSP Datasheet
514Kb / 46P
   RENESAS MCU
R5F21354DNFP RENESAS-R5F21354DNFP Datasheet
428Kb / 46P
   RENESAS MCU
R5F21346WJFP RENESAS-R5F21346WJFP Datasheet
623Kb / 70P
   RENESAS MCU
M16C5M RENESAS-M16C5M Datasheet
1,001Kb / 159P
   RENESAS MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com