Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R5F6418MAPFE Datasheet(PDF) 41 Page - Renesas Technology Corp

Part # R5F6418MAPFE
Description  RENESAS MCU
Download  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F6418MAPFE Datasheet(HTML) 41 Page - Renesas Technology Corp

Back Button R5F6418MAPFE Datasheet HTML 37Page - Renesas Technology Corp R5F6418MAPFE Datasheet HTML 38Page - Renesas Technology Corp R5F6418MAPFE Datasheet HTML 39Page - Renesas Technology Corp R5F6418MAPFE Datasheet HTML 40Page - Renesas Technology Corp R5F6418MAPFE Datasheet HTML 41Page - Renesas Technology Corp R5F6418MAPFE Datasheet HTML 42Page - Renesas Technology Corp R5F6418MAPFE Datasheet HTML 43Page - Renesas Technology Corp R5F6418MAPFE Datasheet HTML 44Page - Renesas Technology Corp R5F6418MAPFE Datasheet HTML 45Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 130 page
background image
REJ03B0299-0100
Rev.1.00
Page 41 of 127
Jul 16, 2010
R32C/118A Group
4. Special Function Registers (SFRs)
Table 4.12
SFR List (12)
Address
Register
Symbol
Reset Value
0002F0h
0002F1h
0002F2h
0002F3h
0002F4h UART4 Special Mode Register 4
U4SMR4
00h
0002F5h UART4 Special Mode Register 3
U4SMR3
00h
0002F6h UART4 Special Mode Register 2
U4SMR2
00h
0002F7h UART4 Special Mode Register
U4SMR
00h
0002F8h UART4 Transmit/Receive Mode Register
U4MR
00h
0002F9h UART4 Bit Rate Register
U4BRG
XXh
0002FAh UART4 Transmit Buffer Register
U4TB
XXXXh
0002FBh
0002FCh UART4 Transmit/Receive Control Register 0
U4C0
0000 1000b
0002FDh UART4 Transmit/Receive Control Register 1
U4C1
0000 0010b
0002FEh UART4 Receive Buffer Register
U4RB
XXXXh
0002FFh
000300h Count Start Register for Timers B3, B4, and B5
TBSR
000X XXXXb
000301h
000302h Timer A1-1 Register
TA11
XXXXh
000303h
000304h Timer A2-1 Register
TA21
XXXXh
000305h
000306h Timer A4-1 Register
TA41
XXXXh
000307h
000308h Three-phase PWM Control Register 0
INVC0
00h
000309h Three-phase PWM Control Register 1
INVC1
00h
00030Ah Three-phase Output Buffer Register 0
IDB0
XX11 1111b
00030Bh Three-phase Output Buffer Register 1
IDB1
XX11 1111b
00030Ch Dead Time Timer
DTT
XXh
00030Dh Timer B2 Interrupt Generating Frequency Set Counter
ICTB2
XXh
00030Eh
00030Fh
000310h Timer B3 Register
TB3
XXXXh
000311h
000312h Timer B4 Register
TB4
XXXXh
000313h
000314h Timer B5 Register
TB5
XXXXh
000315h
000316h
000317h
000318h
000319h
00031Ah
00031Bh Timer B3 Mode Register
TB3MR
00XX 0000b
00031Ch Timer B4 Mode Register
TB4MR
00XX 0000b
00031Dh Timer B5 Mode Register
TB5MR
00XX 0000b
00031Eh
00031Fh
X: Undefined
Blanks are reserved. No access is allowed.


Similar Part No. - R5F6418MAPFE

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F6418MAPFE RENESAS-R5F6418MAPFE Datasheet
936Kb / 131P
   RENESAS MCU
R5F6418MAPFE RENESAS-R5F6418MAPFE Datasheet
940Kb / 132P
   R32C/100 Series CPU Core
More results

Similar Description - R5F6418MAPFE

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F21334TNFP RENESAS-R5F21334TNFP Datasheet
397Kb / 51P
   RENESAS MCU
R5F21386CNFP RENESAS-R5F21386CNFP Datasheet
537Kb / 57P
   RENESAS MCU
R5F2L357CNFP RENESAS-R5F2L357CNFP Datasheet
854Kb / 76P
   RENESAS MCU
32C8B RENESAS-32C8B Datasheet
1Mb / 69P
   RENESAS MCU
R8C33G RENESAS-R8C33G Datasheet
501Kb / 54P
   RENESAS MCU
R32C116A RENESAS-R32C116A Datasheet
819Kb / 102P
   RENESAS MCU
R5F64206JFB RENESAS-R5F64206JFB Datasheet
1Mb / 103P
   RENESAS MCU
R5F21321DNSP RENESAS-R5F21321DNSP Datasheet
514Kb / 46P
   RENESAS MCU
R5F21354DNFP RENESAS-R5F21354DNFP Datasheet
428Kb / 46P
   RENESAS MCU
R5F21346WJFP RENESAS-R5F21346WJFP Datasheet
623Kb / 70P
   RENESAS MCU
M16C5M RENESAS-M16C5M Datasheet
1,001Kb / 159P
   RENESAS MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com