Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R5F64177PFB Datasheet(PDF) 85 Page - Renesas Technology Corp

Part # R5F64177PFB
Description  RENESAS MCU
Download  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F64177PFB Datasheet(HTML) 85 Page - Renesas Technology Corp

Back Button R5F64177PFB Datasheet HTML 81Page - Renesas Technology Corp R5F64177PFB Datasheet HTML 82Page - Renesas Technology Corp R5F64177PFB Datasheet HTML 83Page - Renesas Technology Corp R5F64177PFB Datasheet HTML 84Page - Renesas Technology Corp R5F64177PFB Datasheet HTML 85Page - Renesas Technology Corp R5F64177PFB Datasheet HTML 86Page - Renesas Technology Corp R5F64177PFB Datasheet HTML 87Page - Renesas Technology Corp R5F64177PFB Datasheet HTML 88Page - Renesas Technology Corp R5F64177PFB Datasheet HTML 89Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 114 page
background image
REJ03B0254-0110
Rev.1.10
Page 85 of 111
Jun 23, 2010
R32C/117 Group
5. Electrical Characteristics
VCC =5V
Timing Requirements (VCC = 4.2 to 5.5 V, VSS = 0 V, and Ta =Topr, unless otherwise noted)
Table 5.20
External Clock Input
Symbol
Characteristic
Value
Unit
Min.
Max.
tc(X)
External clock input period
62.5
250
ns
tw(XH)
External clock input high level pulse width
25
ns
tw(XL)
External clock input low level pulse width
25
ns
tr(X)
External clock input rise time
5ns
tf(X)
External clock input fall time
5ns
tw / tc
External clock input duty
40
60
%
Table 5.21
External Bus Timing
Symbol
Characteristic
Value
Unit
Min.
Max.
tsu(D-R)
Data setup time for read
40
ns
th(R-D)
Data hold time after read
0ns
tdis(R-D)
Data disable time after read
0.5 × tc(Base) + 10
ns


Similar Part No. - R5F64177PFB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F64177PFB RENESAS-R5F64177PFB Datasheet
1Mb / 110P
   RENESAS MCU
R5F64177PFB RENESAS-R5F64177PFB Datasheet
845Kb / 113P
   RENESAS MCU
R5F64177PFB RENESAS-R5F64177PFB Datasheet
867Kb / 114P
   RENESAS MCU
R5F64177PFB RENESAS-R5F64177PFB Datasheet
802Kb / 114P
   RENESAS MCU
More results

Similar Description - R5F64177PFB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F21334TNFP RENESAS-R5F21334TNFP Datasheet
397Kb / 51P
   RENESAS MCU
R5F21386CNFP RENESAS-R5F21386CNFP Datasheet
537Kb / 57P
   RENESAS MCU
R5F2L357CNFP RENESAS-R5F2L357CNFP Datasheet
854Kb / 76P
   RENESAS MCU
32C8B RENESAS-32C8B Datasheet
1Mb / 69P
   RENESAS MCU
R8C33G RENESAS-R8C33G Datasheet
501Kb / 54P
   RENESAS MCU
R32C116A RENESAS-R32C116A Datasheet
819Kb / 102P
   RENESAS MCU
R5F64206JFB RENESAS-R5F64206JFB Datasheet
1Mb / 103P
   RENESAS MCU
R5F21321DNSP RENESAS-R5F21321DNSP Datasheet
514Kb / 46P
   RENESAS MCU
R5F21354DNFP RENESAS-R5F21354DNFP Datasheet
428Kb / 46P
   RENESAS MCU
R5F21346WJFP RENESAS-R5F21346WJFP Datasheet
623Kb / 70P
   RENESAS MCU
M16C5M RENESAS-M16C5M Datasheet
1,001Kb / 159P
   RENESAS MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com