Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R5F64177PFB Datasheet(PDF) 74 Page - Renesas Technology Corp

Part # R5F64177PFB
Description  RENESAS MCU
Download  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F64177PFB Datasheet(HTML) 74 Page - Renesas Technology Corp

Back Button R5F64177PFB Datasheet HTML 70Page - Renesas Technology Corp R5F64177PFB Datasheet HTML 71Page - Renesas Technology Corp R5F64177PFB Datasheet HTML 72Page - Renesas Technology Corp R5F64177PFB Datasheet HTML 73Page - Renesas Technology Corp R5F64177PFB Datasheet HTML 74Page - Renesas Technology Corp R5F64177PFB Datasheet HTML 75Page - Renesas Technology Corp R5F64177PFB Datasheet HTML 76Page - Renesas Technology Corp R5F64177PFB Datasheet HTML 77Page - Renesas Technology Corp R5F64177PFB Datasheet HTML 78Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 114 page
background image
REJ03B0254-0110
Rev.1.10
Page 74 of 111
Jun 23, 2010
R32C/117 Group
5. Electrical Characteristics
Note:
1.
The device is operationally guaranteed under these operating conditions.
Figure 5.1
Clock Cycle Time
Table 5.5
Operating Conditions (4/5)
(VCC = 3.0 to 5.5 V, VSS = 0 V, and Ta =Topr, unless otherwise noted) (1)
Symbol
Characteristic
Value
Unit
Min.
Typ.
Max.
f(XIN)
Main clock oscillator frequency
416
MHz
f(XRef)
Reference clock frequency
24
MHz
f(PLL)
PLL clock oscillator frequency
96
128
MHz
f(Base)
Base clock frequency
High speed
64
MHz
Normal speed
50
MHz
tc(Base)
Base clock cycle time
High speed
15.625
ns
Normal speed
20
ns
f(CPU)
CPU operating frequency
High speed
64
MHz
Normal speed
50
MHz
tc(CPU)
CPU clock cycle time
High speed
15.625
ns
Normal speed
20
ns
f(BCLK)
Peripheral bus clock operating frequency High speed
32
MHz
Normal speed
25
MHz
tc(BCLK)
Peripheral bus clock cycle time
High speed
31.25
ns
Normal speed
40
ns
f(PER)
Peripheral clock source frequency
32
MHz
f(XCIN)
Sub clock oscillator frequency
32.768
62.5
kHz
Base clock
(Internal signal)
t c(Base)
Peripheral bus clock
(Internal signal)
t c(BCLK)
CPU clock
(Internal signal)
t c(CPU)


Similar Part No. - R5F64177PFB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F64177PFB RENESAS-R5F64177PFB Datasheet
1Mb / 110P
   RENESAS MCU
R5F64177PFB RENESAS-R5F64177PFB Datasheet
845Kb / 113P
   RENESAS MCU
R5F64177PFB RENESAS-R5F64177PFB Datasheet
867Kb / 114P
   RENESAS MCU
R5F64177PFB RENESAS-R5F64177PFB Datasheet
802Kb / 114P
   RENESAS MCU
More results

Similar Description - R5F64177PFB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F21334TNFP RENESAS-R5F21334TNFP Datasheet
397Kb / 51P
   RENESAS MCU
R5F21386CNFP RENESAS-R5F21386CNFP Datasheet
537Kb / 57P
   RENESAS MCU
R5F2L357CNFP RENESAS-R5F2L357CNFP Datasheet
854Kb / 76P
   RENESAS MCU
32C8B RENESAS-32C8B Datasheet
1Mb / 69P
   RENESAS MCU
R8C33G RENESAS-R8C33G Datasheet
501Kb / 54P
   RENESAS MCU
R32C116A RENESAS-R32C116A Datasheet
819Kb / 102P
   RENESAS MCU
R5F64206JFB RENESAS-R5F64206JFB Datasheet
1Mb / 103P
   RENESAS MCU
R5F21321DNSP RENESAS-R5F21321DNSP Datasheet
514Kb / 46P
   RENESAS MCU
R5F21354DNFP RENESAS-R5F21354DNFP Datasheet
428Kb / 46P
   RENESAS MCU
R5F21346WJFP RENESAS-R5F21346WJFP Datasheet
623Kb / 70P
   RENESAS MCU
M16C5M RENESAS-M16C5M Datasheet
1,001Kb / 159P
   RENESAS MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com