Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R5F64188DFD Datasheet(PDF) 89 Page - Renesas Technology Corp

Part # R5F64188DFD
Description  RENESAS MCU
Download  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F64188DFD Datasheet(HTML) 89 Page - Renesas Technology Corp

Back Button R5F64188DFD Datasheet HTML 85Page - Renesas Technology Corp R5F64188DFD Datasheet HTML 86Page - Renesas Technology Corp R5F64188DFD Datasheet HTML 87Page - Renesas Technology Corp R5F64188DFD Datasheet HTML 88Page - Renesas Technology Corp R5F64188DFD Datasheet HTML 89Page - Renesas Technology Corp R5F64188DFD Datasheet HTML 90Page - Renesas Technology Corp R5F64188DFD Datasheet HTML 91Page - Renesas Technology Corp R5F64188DFD Datasheet HTML 92Page - Renesas Technology Corp R5F64188DFD Datasheet HTML 93Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 126 page
background image
REJ03B0255-0110
Rev.1.10
Page 89 of 123
Jun 23, 2010
R32C/118 Group
5. Electrical Characteristics
Figure 5.3
Power Supply Circuit Timing
Table 5.9
Power Supply Circuit Timing Characteristics
(VCC = 3.0 to 5.5 V, VSS = 0 V, and Ta =Topr, unless otherwise noted)
Symbol
Characteristic
Measurement
condition
Value
Unit
Min. Typ. Max.
td(P-R)
Internal power supply start-up stabilization
time after the main power supply is turned on
2ms
Table 5.10
Electrical Characteristics of Voltage Regulator for Internal Logic
(VCC = 3.0 to 5.5 V, VSS = 0 V, and Ta =Topr, unless otherwise noted)
Symbol
Characteristics
Measurement
condition
Value
Unit
Min.
Typ. Max.
VVDC1
Output voltage
1.5
V
Table 5.11
Electrical Characteristics of Low Voltage Detector
(VCC = 4.2 to 5.5 V, VSS = 0 V, and Ta =Topr, unless otherwise noted)
Symbol
Characteristics
Measurement
condition
Value
Unit
Min.
Typ. Max.
ΔVdet
Detected voltage error
±0.3
V
Vdet(R)-Vdet(F) Hysteresis width
0
V
Self-consuming current
VCC = 5.0 V, low voltage
detector enabled
4µA
td(E-A)
Operation start time of low voltage detector
150
µs
t d(P-R)
VCC
PLL oscillator-
output waveform
Internal power supply start-up
stabilization time after the main
power supply is turned on
Recommended
operating voltage
t d(P-R)
Supply voltage for
internal logic


Similar Part No. - R5F64188DFD

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F64188DFD RENESAS-R5F64188DFD Datasheet
1Mb / 124P
   RENESAS MCU
R5F64188DFD RENESAS-R5F64188DFD Datasheet
916Kb / 126P
   RENESAS MCU
R5F64188DFD RENESAS-R5F64188DFD Datasheet
859Kb / 127P
   RENESAS MCU
More results

Similar Description - R5F64188DFD

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F21334TNFP RENESAS-R5F21334TNFP Datasheet
397Kb / 51P
   RENESAS MCU
R5F21386CNFP RENESAS-R5F21386CNFP Datasheet
537Kb / 57P
   RENESAS MCU
R5F2L357CNFP RENESAS-R5F2L357CNFP Datasheet
854Kb / 76P
   RENESAS MCU
32C8B RENESAS-32C8B Datasheet
1Mb / 69P
   RENESAS MCU
R8C33G RENESAS-R8C33G Datasheet
501Kb / 54P
   RENESAS MCU
R32C116A RENESAS-R32C116A Datasheet
819Kb / 102P
   RENESAS MCU
R5F64206JFB RENESAS-R5F64206JFB Datasheet
1Mb / 103P
   RENESAS MCU
R5F21321DNSP RENESAS-R5F21321DNSP Datasheet
514Kb / 46P
   RENESAS MCU
R5F21354DNFP RENESAS-R5F21354DNFP Datasheet
428Kb / 46P
   RENESAS MCU
R5F21346WJFP RENESAS-R5F21346WJFP Datasheet
623Kb / 70P
   RENESAS MCU
M16C5M RENESAS-M16C5M Datasheet
1,001Kb / 159P
   RENESAS MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com