Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R5F6416MADFD Datasheet(PDF) 74 Page - Renesas Technology Corp

Part # R5F6416MADFD
Description  RENESAS MCU
Download  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F6416MADFD Datasheet(HTML) 74 Page - Renesas Technology Corp

Back Button R5F6416MADFD Datasheet HTML 70Page - Renesas Technology Corp R5F6416MADFD Datasheet HTML 71Page - Renesas Technology Corp R5F6416MADFD Datasheet HTML 72Page - Renesas Technology Corp R5F6416MADFD Datasheet HTML 73Page - Renesas Technology Corp R5F6416MADFD Datasheet HTML 74Page - Renesas Technology Corp R5F6416MADFD Datasheet HTML 75Page - Renesas Technology Corp R5F6416MADFD Datasheet HTML 76Page - Renesas Technology Corp R5F6416MADFD Datasheet HTML 77Page - Renesas Technology Corp R5F6416MADFD Datasheet HTML 78Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 102 page
background image
REJ03B0297-0100
Rev.1.00
Page 74 of 99
Jul 16, 2010
R32C/116A Group
5. Electrical Characteristics
VCC =5V
Timing Requirements (VCC = 4.2 to 5.5 V, VSS = 0 V, and Ta =Topr, unless otherwise noted)
Table 5.27
Timer B Input (Counting input in event counter mode)
Symbol
Characteristic
Value
Unit
Min.
Max.
tc(TB)
TBiIN input clock cycle time (one edge counting)
200
ns
tw(TBH)
TBiIN input high level pulse width (one edge counting)
80
ns
tw(TBL)
TBiIN input low level pulse width (one edge counting)
80
ns
tc(TB)
TBiIN input clock cycle time (both edges counting)
200
ns
tw(TBH)
TBiIN input high level pulse width (both edges counting)
80
ns
tw(TBL)
TBiIN input low level pulse width (both edges counting)
80
ns
Table 5.28
Timer B Input (Pulse period measure mode)
Symbol
Characteristic
Value
Unit
Min.
Max.
tc(TB)
TBiIN input clock cycle time
400
ns
tw(TBH)
TBiIN input high level pulse width
180
ns
tw(TBL)
TBiIN input low level pulse width
180
ns
Table 5.29
Timer B Input (Pulse-width measure mode)
Symbol
Characteristic
Value
Unit
Min.
Max.
tc(TB)
TBiIN input clock cycle time
400
ns
tw(TBH)
TBiIN input high level pulse width
180
ns
tw(TBL)
TBiIN input low level pulse width
180
ns


Similar Part No. - R5F6416MADFD

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F6416MADFD RENESAS-R5F6416MADFD Datasheet
815Kb / 103P
   RENESAS MCU
R5F6416MADFD RENESAS-R5F6416MADFD Datasheet
819Kb / 104P
   R32C/100 Series CPU Core
More results

Similar Description - R5F6416MADFD

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F21334TNFP RENESAS-R5F21334TNFP Datasheet
397Kb / 51P
   RENESAS MCU
R5F21386CNFP RENESAS-R5F21386CNFP Datasheet
537Kb / 57P
   RENESAS MCU
R5F2L357CNFP RENESAS-R5F2L357CNFP Datasheet
854Kb / 76P
   RENESAS MCU
32C8B RENESAS-32C8B Datasheet
1Mb / 69P
   RENESAS MCU
R8C33G RENESAS-R8C33G Datasheet
501Kb / 54P
   RENESAS MCU
R5F64206JFB RENESAS-R5F64206JFB Datasheet
1Mb / 103P
   RENESAS MCU
R5F21321DNSP RENESAS-R5F21321DNSP Datasheet
514Kb / 46P
   RENESAS MCU
R5F21354DNFP RENESAS-R5F21354DNFP Datasheet
428Kb / 46P
   RENESAS MCU
R5F21346WJFP RENESAS-R5F21346WJFP Datasheet
623Kb / 70P
   RENESAS MCU
M16C5M RENESAS-M16C5M Datasheet
1,001Kb / 159P
   RENESAS MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com