Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R5F64168PFB Datasheet(PDF) 41 Page - Renesas Technology Corp

Part # R5F64168PFB
Description  RENESAS MCU
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F64168PFB Datasheet(HTML) 41 Page - Renesas Technology Corp

Back Button R5F64168PFB Datasheet HTML 37Page - Renesas Technology Corp R5F64168PFB Datasheet HTML 38Page - Renesas Technology Corp R5F64168PFB Datasheet HTML 39Page - Renesas Technology Corp R5F64168PFB Datasheet HTML 40Page - Renesas Technology Corp R5F64168PFB Datasheet HTML 41Page - Renesas Technology Corp R5F64168PFB Datasheet HTML 42Page - Renesas Technology Corp R5F64168PFB Datasheet HTML 43Page - Renesas Technology Corp R5F64168PFB Datasheet HTML 44Page - Renesas Technology Corp R5F64168PFB Datasheet HTML 45Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 50 page
background image
REJ03B0253-0110
Rev.1.10
Page 41 of 95
Jun 23, 2010
R32C/116 Group
4. Special Function Registers (SFRs)
Table 4.13
SFR List (13)
Address
Register
Symbol
Reset Value
000320h
000321h
000322h
000323h
000324h UART3 Special Mode Register 4
U3SMR4
00h
000325h UART3 Special Mode Register 3
U3SMR3
00h
000326h UART3 Special Mode Register 2
U3SMR2
00h
000327h UART3 Special Mode Register
U3SMR
00h
000328h UART3 Transmit/Receive Mode Register
U3MR
00h
000329h UART3 Bit Rate Register
U3BRG
XXh
00032Ah UART3 Transmit Buffer Register
U3TB
XXXXh
00032Bh
00032Ch UART3 Transmit/Receive Control Register 0
U3C0
0000 1000b
00032Dh UART3 Transmit/Receive Control Register 1
U3C1
0000 0010b
00032Eh UART3 Receive Buffer Register
U3RB
XXXXh
00032Fh
000330h
000331h
000332h
000333h
000334h UART2 Special Mode Register 4
U2SMR4
00h
000335h UART2 Special Mode Register 3
U2SMR3
00h
000336h UART2 Special Mode Register 2
U2SMR2
00h
000337h UART2 Special Mode Register
U2SMR
00h
000338h UART2 Transmit/Receive Mode Register
U2MR
00h
000339h UART2 Bit Rate Register
U2BRG
XXh
00033Ah UART2 Transmit Buffer Register
U2TB
XXXXh
00033Bh
00033Ch UART2 Transmit/Receive Control Register 0
U2C0
0000 1000b
00033Dh UART2 Transmit/Receive Control Register 1
U2C1
0000 0010b
00033Eh UART2 Receive Buffer Register
U2RB
XXXXh
00033Fh
000340h Count Start Register
TABSR
0000 0000b
000341h Clock Prescaler Reset Register
CPSRF
0XXX XXXXb
000342h One-shot Start Register
ONSF
0000 0000b
000343h Trigger Select Register
TRGSR
0000 0000b
000344h Increment/Decrement Counting Select Register
UDF
0000 0000b
000345h
000346h Timer A0 Register
TA0
XXXXh
000347h
000348h Timer A1 Register
TA1
XXXXh
000349h
00034Ah Timer A2 Register
TA2
XXXXh
00034Bh
00034Ch Timer A3 Register
TA3
XXXXh
00034Dh
00034Eh Timer A4 Register
TA4
XXXXh
00034Fh
X: Undefined
Blanks are reserved. No access is allowed.


Similar Part No. - R5F64168PFB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F64168PFB RENESAS-R5F64168PFB Datasheet
1Mb / 96P
   RENESAS MCU
R5F64168PFB RENESAS-R5F64168PFB Datasheet
798Kb / 98P
   RENESAS MCU
R5F64168PFB RENESAS-R5F64168PFB Datasheet
740Kb / 99P
   RENESAS MCU
More results

Similar Description - R5F64168PFB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F21334TNFP RENESAS-R5F21334TNFP Datasheet
397Kb / 51P
   RENESAS MCU
R5F21386CNFP RENESAS-R5F21386CNFP Datasheet
537Kb / 57P
   RENESAS MCU
R5F2L357CNFP RENESAS-R5F2L357CNFP Datasheet
854Kb / 76P
   RENESAS MCU
32C8B RENESAS-32C8B Datasheet
1Mb / 69P
   RENESAS MCU
R8C33G RENESAS-R8C33G Datasheet
501Kb / 54P
   RENESAS MCU
R32C116A RENESAS-R32C116A Datasheet
819Kb / 102P
   RENESAS MCU
R5F64206JFB RENESAS-R5F64206JFB Datasheet
1Mb / 103P
   RENESAS MCU
R5F21321DNSP RENESAS-R5F21321DNSP Datasheet
514Kb / 46P
   RENESAS MCU
R5F21354DNFP RENESAS-R5F21354DNFP Datasheet
428Kb / 46P
   RENESAS MCU
R5F21346WJFP RENESAS-R5F21346WJFP Datasheet
623Kb / 70P
   RENESAS MCU
M16C5M RENESAS-M16C5M Datasheet
1,001Kb / 159P
   RENESAS MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com