Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R5F6453NKFD Datasheet(PDF) 29 Page - Renesas Technology Corp

Part # R5F6453NKFD
Description  RENESAS MCU
Download  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F6453NKFD Datasheet(HTML) 29 Page - Renesas Technology Corp

Back Button R5F6453NKFD Datasheet HTML 25Page - Renesas Technology Corp R5F6453NKFD Datasheet HTML 26Page - Renesas Technology Corp R5F6453NKFD Datasheet HTML 27Page - Renesas Technology Corp R5F6453NKFD Datasheet HTML 28Page - Renesas Technology Corp R5F6453NKFD Datasheet HTML 29Page - Renesas Technology Corp R5F6453NKFD Datasheet HTML 30Page - Renesas Technology Corp R5F6453NKFD Datasheet HTML 31Page - Renesas Technology Corp R5F6453NKFD Datasheet HTML 32Page - Renesas Technology Corp R5F6453NKFD Datasheet HTML 33Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 149 page
background image
REJ03B0232-0110
Rev.1.10
Page 29 of 144
Sep 06, 2010
R32C/153 Group
4. Special Function Registers (SFRs)
Table 4.10
SFR List (10)
Address
Register
Symbol
Reset Value
0001D0h
0001D1h
0001D2h
0001D3h
0001D4h
0001D5h
0001D6h
0001D7h
0001D8h
0001D9h
0001DAh
0001DBh
0001DCh
0001DDh
0001DEh
0001DFh
0001E0h UART3 Transmit/Receive Mode Register
U3MR
00h
0001E1h UART3 Bit Rate Register
U3BRG
XXh
0001E2h UART3 Transmit Buffer Register
U3TB
XXXXh
0001E3h
0001E4h UART3 Transmit/Receive Control Register 0
U3C0
00X0 1000b
0001E5h UART3 Transmit/Receive Control Register 1
U3C1
XXXX 0010b
0001E6h UART3 Receive Buffer Register
U3RB
XXXXh
0001E7h
0001E8h UART4 Transmit/Receive Mode Register
U4MR
00h
0001E9h UART4 Bit Rate Register
U4BRG
XXh
0001EAh UART4 Transmit Buffer Register
U4TB
XXXXh
0001EBh
0001ECh UART4 Transmit/Receive Control Register 0
U4C0
00X0 1000b
0001EDh UART4 Transmit/Receive Control Register 1
U4C1
XXXX 0010b
0001EEh UART4 Receive Buffer Register
U4RB
XXXXh
0001EFh
0001F0h UART3, UART4 Transmit/Receive Control Register 2
U34CON
X000 0000b
0001F1h
0001F2h
0001F3h
0001F4h
0001F5h
0001F6h
0001F7h
0001F8h
0001F9h
0001FAh
0001FBh
0001FCh
0001FDh
0001FEh
0001FFh
X: Undefined
Blanks are reserved. No access is allowed.


Similar Part No. - R5F6453NKFD

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F6453NKFD RENESAS-R5F6453NKFD Datasheet
873Kb / 147P
   RENESAS MCU
R5F6453NKFD RENESAS-R5F6453NKFD Datasheet
880Kb / 150P
   RENESAS MCU
More results

Similar Description - R5F6453NKFD

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F21334TNFP RENESAS-R5F21334TNFP Datasheet
397Kb / 51P
   RENESAS MCU
R5F21386CNFP RENESAS-R5F21386CNFP Datasheet
537Kb / 57P
   RENESAS MCU
R5F2L357CNFP RENESAS-R5F2L357CNFP Datasheet
854Kb / 76P
   RENESAS MCU
32C8B RENESAS-32C8B Datasheet
1Mb / 69P
   RENESAS MCU
R8C33G RENESAS-R8C33G Datasheet
501Kb / 54P
   RENESAS MCU
R32C116A RENESAS-R32C116A Datasheet
819Kb / 102P
   RENESAS MCU
R5F64206JFB RENESAS-R5F64206JFB Datasheet
1Mb / 103P
   RENESAS MCU
R5F21321DNSP RENESAS-R5F21321DNSP Datasheet
514Kb / 46P
   RENESAS MCU
R5F21354DNFP RENESAS-R5F21354DNFP Datasheet
428Kb / 46P
   RENESAS MCU
R5F21346WJFP RENESAS-R5F21346WJFP Datasheet
623Kb / 70P
   RENESAS MCU
M16C5M RENESAS-M16C5M Datasheet
1,001Kb / 159P
   RENESAS MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com