Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R5F6416LAPFE Datasheet(PDF) 34 Page - Renesas Technology Corp

Part # R5F6416LAPFE
Description  RENESAS MCU
Download  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F6416LAPFE Datasheet(HTML) 34 Page - Renesas Technology Corp

Back Button R5F6416LAPFE Datasheet HTML 30Page - Renesas Technology Corp R5F6416LAPFE Datasheet HTML 31Page - Renesas Technology Corp R5F6416LAPFE Datasheet HTML 32Page - Renesas Technology Corp R5F6416LAPFE Datasheet HTML 33Page - Renesas Technology Corp R5F6416LAPFE Datasheet HTML 34Page - Renesas Technology Corp R5F6416LAPFE Datasheet HTML 35Page - Renesas Technology Corp R5F6416LAPFE Datasheet HTML 36Page - Renesas Technology Corp R5F6416LAPFE Datasheet HTML 37Page - Renesas Technology Corp R5F6416LAPFE Datasheet HTML 38Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 102 page
background image
REJ03B0297-0100
Rev.1.00
Page 34 of 99
Jul 16, 2010
R32C/116A Group
4. Special Function Registers (SFRs)
Table 4.5
SFR List (5)
Address
Register
Symbol
Reset Value
0000E0h
0000E1h
0000E2h
0000E3h
0000E4h
0000E5h
0000E6h
0000E7h
0000E8h
0000E9h
0000EAh
0000EBh
0000ECh
0000EDh
0000EEh
0000EFh
0000F0h
0000F1h
0000F2h
0000F3h
0000F4h
0000F5h
0000F6h
0000F7h
0000F8h
0000F9h UART9 Receive Interrupt Control Register
S9RIC
XXXX X000b
0000FAh
0000FBh UART10 Receive Interrupt Control Register
S10RIC
XXXX X000b
0000FCh INT8 Interrupt Control Register
INT8IC
XX00 X000b
0000FDh UART7 Receive Interrupt Control Register
S7RIC
XXXX X000b
0000FEh INT6 Interrupt Control Register
INT6IC
XX00 X000b
0000FFh UART8 Receive Interrupt Control Register
S8RIC
XXXX X000b
000100h Group 1 Time Measurement/Waveform Generation Register 0 G1TM0/G1PO0
XXXXh
000101h
000102h Group 1 Time Measurement/Waveform Generation Register 1 G1TM1/G1PO1
XXXXh
000103h
000104h Group 1 Time Measurement/Waveform Generation Register 2 G1TM2/G1PO2
XXXXh
000105h
000106h Group 1 Time Measurement/Waveform Generation Register 3 G1TM3/G1PO3
XXXXh
000107h
X: Undefined
Blanks are reserved. No access is allowed.


Similar Part No. - R5F6416LAPFE

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F6416LAPFE RENESAS-R5F6416LAPFE Datasheet
815Kb / 103P
   RENESAS MCU
R5F6416LAPFE RENESAS-R5F6416LAPFE Datasheet
819Kb / 104P
   R32C/100 Series CPU Core
More results

Similar Description - R5F6416LAPFE

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F21334TNFP RENESAS-R5F21334TNFP Datasheet
397Kb / 51P
   RENESAS MCU
R5F21386CNFP RENESAS-R5F21386CNFP Datasheet
537Kb / 57P
   RENESAS MCU
R5F2L357CNFP RENESAS-R5F2L357CNFP Datasheet
854Kb / 76P
   RENESAS MCU
32C8B RENESAS-32C8B Datasheet
1Mb / 69P
   RENESAS MCU
R8C33G RENESAS-R8C33G Datasheet
501Kb / 54P
   RENESAS MCU
R5F64206JFB RENESAS-R5F64206JFB Datasheet
1Mb / 103P
   RENESAS MCU
R5F21321DNSP RENESAS-R5F21321DNSP Datasheet
514Kb / 46P
   RENESAS MCU
R5F21354DNFP RENESAS-R5F21354DNFP Datasheet
428Kb / 46P
   RENESAS MCU
R5F21346WJFP RENESAS-R5F21346WJFP Datasheet
623Kb / 70P
   RENESAS MCU
M16C5M RENESAS-M16C5M Datasheet
1,001Kb / 159P
   RENESAS MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com