Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R5F64515JFD Datasheet(PDF) 47 Page - Renesas Technology Corp

Part # R5F64515JFD
Description  RENESAS MCU
Download  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F64515JFD Datasheet(HTML) 47 Page - Renesas Technology Corp

Back Button R5F64515JFD Datasheet HTML 43Page - Renesas Technology Corp R5F64515JFD Datasheet HTML 44Page - Renesas Technology Corp R5F64515JFD Datasheet HTML 45Page - Renesas Technology Corp R5F64515JFD Datasheet HTML 46Page - Renesas Technology Corp R5F64515JFD Datasheet HTML 47Page - Renesas Technology Corp R5F64515JFD Datasheet HTML 48Page - Renesas Technology Corp R5F64515JFD Datasheet HTML 49Page - Renesas Technology Corp R5F64515JFD Datasheet HTML 50Page - Renesas Technology Corp R5F64515JFD Datasheet HTML 51Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 121 page
background image
REJ03B0230-0110
Rev.1.10
Page 47 of 116
Sep 06, 2010
R32C/151 Group
4. Special Function Registers (SFRs)
Table 4.28
SFR List (28)
Address
Register
Symbol
Reset Value
044E20h LIN1 Channel Window Select/Input Signal Low Detection
Status Register
L1CW
0000 0000b
044E21h LIN1 Baud Rate Generator Control Register
L1BRG
0000 0000b
044E22h LIN1 Baud Rate Prescaler 0
L10BRP0
00h
044E23h LIN1 Baud Rate Prescaler 1
L1BRP1
00h
044E24h LIN1 Mode Register 0
L1MD0
0000 0000b
044E25h LIN1 Mode Register 1
L1MD1
00h
044E26h LIN1 Wake-up Setting Register
L1WUP
00h
044E27h
044E28h LIN1 Break Field Setting Register
L1BRK
0000 0000b
044E29h LIN1 Space Setting Register
L1SPC
0000 0000b
044E2Ah LIN1 Response Field Setting Register
L1RFC
0000 0000b
044E2Bh LIN1 ID Buffer Register
L1IDB
00h
044E2Ch LIN1 Status Control Register
L1SC
0000 0000b
044E2Dh LIN1 Transmission Control Register
L1TC
0000 0000b
044E2Eh LIN1 Status Register
L1ST
0000 0000b
044E2Fh LIN1 Error Status Register
L1EST
0000 0000b
044E30h LIN1 Data 1 Buffer Register
L1DB1
00h
044E31h LIN1 Data 2 Buffer Register
L1DB2
00h
044E32h LIN1 Data 3 Buffer Register
L1DB3
00h
044E33h LIN1 Data 4 Buffer Register
L1DB4
00h
044E34h LIN1 Data 5 Buffer Register
L1DB5
00h
044E35h LIN1 Data 6 Buffer Register
L1DB6
00h
044E36h LIN1 Data 7 Buffer Register
L1DB7
00h
044E37h LIN1 Data 8 Buffer Register
L1DB8
00h
044E38h
044E39h
044E3Ah
044E3Bh
044E3Ch
044E3Dh
044E3Eh
044E3Fh
044E41h
044E42h
044E43h
044E44h
044E45h
044E46h
044E47h
044E48h
044E49h
044E4Ah
044E4Bh
044E4Ch
044E4Dh
044E4Eh
044E4Fh
X: Undefined
Blanks are reserved. No access is allowed.


Similar Part No. - R5F64515JFD

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F64515JFD RENESAS-R5F64515JFD Datasheet
759Kb / 119P
   RENESAS MCU
R5F64515JFD RENESAS-R5F64515JFD Datasheet
774Kb / 122P
   RENESAS MCU
More results

Similar Description - R5F64515JFD

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F21334TNFP RENESAS-R5F21334TNFP Datasheet
397Kb / 51P
   RENESAS MCU
R5F21386CNFP RENESAS-R5F21386CNFP Datasheet
537Kb / 57P
   RENESAS MCU
R5F2L357CNFP RENESAS-R5F2L357CNFP Datasheet
854Kb / 76P
   RENESAS MCU
32C8B RENESAS-32C8B Datasheet
1Mb / 69P
   RENESAS MCU
R8C33G RENESAS-R8C33G Datasheet
501Kb / 54P
   RENESAS MCU
R32C116A RENESAS-R32C116A Datasheet
819Kb / 102P
   RENESAS MCU
R5F64206JFB RENESAS-R5F64206JFB Datasheet
1Mb / 103P
   RENESAS MCU
R5F21321DNSP RENESAS-R5F21321DNSP Datasheet
514Kb / 46P
   RENESAS MCU
R5F21354DNFP RENESAS-R5F21354DNFP Datasheet
428Kb / 46P
   RENESAS MCU
R5F21346WJFP RENESAS-R5F21346WJFP Datasheet
623Kb / 70P
   RENESAS MCU
M16C5M RENESAS-M16C5M Datasheet
1,001Kb / 159P
   RENESAS MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com