Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RJE0615JSP-00-J3 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # RJE0615JSP-00-J3
Description  Silicon P Channel MOS FET Series Power Switching
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RJE0615JSP-00-J3 Datasheet(HTML) 1 Page - Renesas Technology Corp

  RJE0615JSP-00-J3 Datasheet HTML 1Page - Renesas Technology Corp RJE0615JSP-00-J3 Datasheet HTML 2Page - Renesas Technology Corp RJE0615JSP-00-J3 Datasheet HTML 3Page - Renesas Technology Corp RJE0615JSP-00-J3 Datasheet HTML 4Page - Renesas Technology Corp RJE0615JSP-00-J3 Datasheet HTML 5Page - Renesas Technology Corp RJE0615JSP-00-J3 Datasheet HTML 6Page - Renesas Technology Corp RJE0615JSP-00-J3 Datasheet HTML 7Page - Renesas Technology Corp RJE0615JSP-00-J3 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
R07DS0124EJ0200 Rev.2.00
Page 1 of 7
Sep 01, 2010
Preliminary Datasheet
RJE0615JSP
Silicon P Channel MOS FET Series
Power Switching
Description
This FET has the over temperature shut-down capability sensing to the junction temperature. This FET has the built-in
over temperature shut-down circuit in the gate area. And this circuit operation to shut-down the gate voltage in case of
high junction temperature like applying over power consumption, over current etc..
Features
 Built-in the over temperature shut-down circuit.
 High endurance capability against to the short circuit.
 Latch type shut down operation (need 0 voltage recovery).
 Built-in the current limitation circuit.
 Low on-resistance R
DS(on) : 53 m Typ, 65 m Max (VGS = –10 V)
 High density mounting
Outline
1 2
3
4
5
6
7
8
1, 2, 3
Source
4
Gate
5, 6, 7, 8
Drain
RENESAS Package code: PRSP0008DD-D
(Package name: SOP-8)
D
S
G
4
1
58
D
6
D
7
D
Gate Resistor
Temperature
Sensing
Circuit
Latch
Circuit
Gate
Shut-down
Circuit
Current
Limitation
Circuit
S
3
S
2
Absolute Maximum Ratings
(Ta = 25°C)
Item
Symbol
Ratings
Unit
Drain to source voltage
VDSS
–60
V
VGSS
–16
V
Gate to source voltage
VGSS
2.5
V
Drain current
ID
Note3
–10
A
Body-drain diode reverse drain current
IDR
–10
A
Avalanche current
IAP
Note 2
–4.7
A
Avalanche energy
EAR
Note 2
94.7
mJ
Channel dissipation
Pch
Note 1
2.5
W
Channel temperature
Tch
150
C
Storage temperature
Tstg
–55 to +150
C
Notes: 1
1 Drive operation: When using the glass epoxy board (FR4 40
 40  1.6 mm), PW  10 s
2. Tch = 25
C, Rg  50 
3. It provides by the current limitation lower bound value.
R07DS0124EJ0200
(Previous: REJ03G1943-0100)
Rev.2.00
Sep 01, 2010


Similar Part No. - RJE0615JSP-00-J3

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
RJE0615JSP VBSEMI-RJE0615JSP Datasheet
1Mb / 9P
   P-Channel 60 V (D-S) MOSFET
logo
Renesas Technology Corp
RJE0615JSP RENESAS-RJE0615JSP_15 Datasheet
106Kb / 8P
   -60 V, -10A Silicon P Channel Thermal FET Power Switching
More results

Similar Description - RJE0615JSP-00-J3

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HAF1009 RENESAS-HAF1009 Datasheet
113Kb / 10P
   Silicon P Channel MOS FET Series Power Switching
RJE0603JPE RENESAS-RJE0603JPE_15 Datasheet
88Kb / 7P
   Silicon P Channel MOS FET Series Power Switching
RJE0609JPD RENESAS-RJE0609JPD_15 Datasheet
90Kb / 7P
   Silicon P Channel MOS FET Series Power Switching
HAF1004 RENESAS-HAF1004_15 Datasheet
138Kb / 12P
   Silicon P Channel MOS FET Series Power Switching
HAF1008 RENESAS-HAF1008_15 Datasheet
140Kb / 13P
   Silicon P Channel MOS FET Series Power Switching
HAF1010RJ RENESAS-HAF1010RJ Datasheet
147Kb / 7P
   Silicon P Channel MOS FET Series Power Switching
RJE0616JSP RENESAS-RJE0616JSP Datasheet
99Kb / 8P
   Silicon P Channel MOS FET Series Power Switching
RJE0607JSP RENESAS-RJE0607JSP_15 Datasheet
101Kb / 8P
   Silicon P Channel MOS FET Series Power Switching
HAF1001 RENESAS-HAF1001 Datasheet
88Kb / 8P
   Silicon P Channel MOS FET Series Power Switching
RJE0601JPE RENESAS-RJE0601JPE Datasheet
91Kb / 7P
   Silicon P Channel MOS FET Series Power Switching
RJE0609JPD RENESAS-RJE0609JPD Datasheet
90Kb / 7P
   Silicon P Channel MOS FET Series Power Switching
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com