Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R5F64185DFB Datasheet(PDF) 52 Page - Renesas Technology Corp

Part # R5F64185DFB
Description  RENESAS MCU
Download  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F64185DFB Datasheet(HTML) 52 Page - Renesas Technology Corp

Back Button R5F64185DFB Datasheet HTML 48Page - Renesas Technology Corp R5F64185DFB Datasheet HTML 49Page - Renesas Technology Corp R5F64185DFB Datasheet HTML 50Page - Renesas Technology Corp R5F64185DFB Datasheet HTML 51Page - Renesas Technology Corp R5F64185DFB Datasheet HTML 52Page - Renesas Technology Corp R5F64185DFB Datasheet HTML 53Page - Renesas Technology Corp R5F64185DFB Datasheet HTML 54Page - Renesas Technology Corp R5F64185DFB Datasheet HTML 55Page - Renesas Technology Corp R5F64185DFB Datasheet HTML 56Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 126 page
background image
REJ03B0255-0110
Rev.1.10
Page 52 of 123
Jun 23, 2010
R32C/118 Group
4. Special Function Registers (SFRs)
Table 4.24
SFR List (24)
Address
Register
Symbol
Reset Value
044060h
044061h
044062h
044063h
044064h
044065h
044066h
044067h
044068h
044069h
04406Ah
04406Bh
04406Ch
04406Dh External Interrupt Request Source Select Register 1
IFSR1
X0XX X000b
04406Eh
04406Fh External Interrupt Request Source Select Register 0
IFSR0
0000 0000b
044070h DMA0 Request Source Select Register 2
DM0SL2
XX00 0000b
044071h DMA1 Request Source Select Register 2
DM1SL2
XX00 0000b
044072h DMA2 Request Source Select Register 2
DM2SL2
XX00 0000b
044073h DMA3 Request Source Select Register 2
DM3SL2
XX00 0000b
044074h
044075h
044076h
044077h
044078h DMA0 Request Source Select Register
DM0SL
XXX0 0000b
044079h DMA1 Request Source Select Register
DM1SL
XXX0 0000b
04407Ah DMA2 Request Source Select Register
DM2SL
XXX0 0000b
04407Bh DMA3 Request Source Select Register
DM3SL
XXX0 0000b
04407Ch
04407Dh Wake-up IPL Setting Register 2
RIPL2
XX0X 0000b
04407Eh
04407Fh Wake-up IPL Setting Register 1
RIPL1
XX0X 0000b
044080h
044081h
044082h
044083h
044084h
044085h
044086h
044087h
044088h
044089h
04408Ah
04408Bh
04408Ch
04408Dh
04408Eh
04408Fh
X: Undefined
Blanks are reserved. No access is allowed.


Similar Part No. - R5F64185DFB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F64185DFB RENESAS-R5F64185DFB Datasheet
1Mb / 124P
   RENESAS MCU
R5F64185DFB RENESAS-R5F64185DFB Datasheet
916Kb / 126P
   RENESAS MCU
R5F64185DFB RENESAS-R5F64185DFB Datasheet
859Kb / 127P
   RENESAS MCU
More results

Similar Description - R5F64185DFB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F21334TNFP RENESAS-R5F21334TNFP Datasheet
397Kb / 51P
   RENESAS MCU
R5F21386CNFP RENESAS-R5F21386CNFP Datasheet
537Kb / 57P
   RENESAS MCU
R5F2L357CNFP RENESAS-R5F2L357CNFP Datasheet
854Kb / 76P
   RENESAS MCU
32C8B RENESAS-32C8B Datasheet
1Mb / 69P
   RENESAS MCU
R8C33G RENESAS-R8C33G Datasheet
501Kb / 54P
   RENESAS MCU
R32C116A RENESAS-R32C116A Datasheet
819Kb / 102P
   RENESAS MCU
R5F64206JFB RENESAS-R5F64206JFB Datasheet
1Mb / 103P
   RENESAS MCU
R5F21321DNSP RENESAS-R5F21321DNSP Datasheet
514Kb / 46P
   RENESAS MCU
R5F21354DNFP RENESAS-R5F21354DNFP Datasheet
428Kb / 46P
   RENESAS MCU
R5F21346WJFP RENESAS-R5F21346WJFP Datasheet
623Kb / 70P
   RENESAS MCU
M16C5M RENESAS-M16C5M Datasheet
1,001Kb / 159P
   RENESAS MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com