Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L3AC Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # L3AC
Description  RENESAS MCU
Download  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

L3AC Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button L3AC Datasheet HTML 4Page - Renesas Technology Corp L3AC Datasheet HTML 5Page - Renesas Technology Corp L3AC Datasheet HTML 6Page - Renesas Technology Corp L3AC Datasheet HTML 7Page - Renesas Technology Corp L3AC Datasheet HTML 8Page - Renesas Technology Corp L3AC Datasheet HTML 9Page - Renesas Technology Corp L3AC Datasheet HTML 10Page - Renesas Technology Corp L3AC Datasheet HTML 11Page - Renesas Technology Corp L3AC Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 75 page
background image
R8C/L35C Group, R8C/L36C Group, R8C/L38C Group, R8C/L3AC Group
1. Overview
REJ03B0293-0100 Rev.1.00
Page 8 of 72
Jun 25, 2010
Table 1.8
Product List for R8C/L36C Group
Current of Jun 2010
Figure 1.2
Correspondence of Part No., with Memory Size and Package of R8C/L36C Group
Part No.
Internal ROM Capacity
Internal RAM
Capacity
Package Type
Remarks
Program ROM
Data Flash
R5F2L367CNFP
48 Kbytes
1 Kbyte
× 4
6 Kbytes
PLQP0064KB-A
N Version
R5F2L367CNFA
48 Kbytes
1 Kbyte
× 4
6 Kbytes
PLQP0064GA-A
R5F2L368CNFP
64 Kbytes
1 Kbyte
× 4
8 Kbytes
PLQP0064KB-A
R5F2L368CNFA
64 Kbytes
1 Kbyte
× 4
8 Kbytes
PLQP0064GA-A
R5F2L36ACNFP
96 Kbytes
1 Kbyte
× 4
10 Kbytes
PLQP0064KB-A
R5F2L36ACNFA
96 Kbytes
1 Kbyte
× 4
10 Kbytes
PLQP0064GA-A
R5F2L36CCNFP
128 Kbytes
1 Kbyte
× 4
10 Kbytes
PLQP0064KB-A
R5F2L36CCNFA
128 Kbytes
1 Kbyte
× 4
10 Kbytes
PLQP0064GA-A
R5F2L367CDFP
48 Kbytes
1 Kbyte
× 4
6 Kbytes
PLQP0064KB-A
D Version
R5F2L367CDFA
48 Kbytes
1 Kbyte
× 4
6 Kbytes
PLQP0064GA-A
R5F2L368CDFP
64 Kbytes
1 Kbyte
× 4
8 Kbytes
PLQP0064KB-A
R5F2L368CDFA
64 Kbytes
1 Kbyte
× 4
8 Kbytes
PLQP0064GA-A
R5F2L36ACDFP
96 Kbytes
1 Kbyte
× 4
10 Kbytes
PLQP0064KB-A
R5F2L36ACDFA
96 Kbytes
1 Kbyte
× 4
10 Kbytes
PLQP0064GA-A
R5F2L36CCDFP
128 Kbytes
1 Kbyte
× 4
10 Kbytes
PLQP0064KB-A
R5F2L36CCDFA
128 Kbytes
1 Kbyte
× 4
10 Kbytes
PLQP0064GA-A
Part No. R 5 F 2L 36 C C N FP
Package type:
FP: LQFP (0.50 mm pin pitch)
FA: LQFP (0.80 mm pin pitch)
Classification
N: Operating ambient temperature -20°C to 85°C
D: Operating ambient temperature -40°C to 85°C
ROM capacity
7: 48 KB
8: 64 KB
A: 96 KB
C: 128 KB
R8C/L36C Group
R8C/Lx Series
Memory type
F: Flash memory
Renesas MCU
Renesas semiconductor


Similar Part No. - L3AC

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
L3A GOOD-ARK-L3A Datasheet
189Kb / 4P
   Surface Mount Glass Passivated Rectifier
logo
AVX Corporation
L3A41A104J4B2A AVX-L3A41A104J4B2A Datasheet
164Kb / 3P
   Capacitor Array (IPC)
L3A41A104J4B2F AVX-L3A41A104J4B2F Datasheet
164Kb / 3P
   Capacitor Array (IPC)
L3A41A104J4B4A AVX-L3A41A104J4B4A Datasheet
164Kb / 3P
   Capacitor Array (IPC)
L3A41A104J4T2A AVX-L3A41A104J4T2A Datasheet
164Kb / 3P
   Capacitor Array (IPC)
More results

Similar Description - L3AC

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F21334TNFP RENESAS-R5F21334TNFP Datasheet
397Kb / 51P
   RENESAS MCU
R5F21386CNFP RENESAS-R5F21386CNFP Datasheet
537Kb / 57P
   RENESAS MCU
R5F2L357CNFP RENESAS-R5F2L357CNFP Datasheet
854Kb / 76P
   RENESAS MCU
32C8B RENESAS-32C8B Datasheet
1Mb / 69P
   RENESAS MCU
R8C33G RENESAS-R8C33G Datasheet
501Kb / 54P
   RENESAS MCU
R32C116A RENESAS-R32C116A Datasheet
819Kb / 102P
   RENESAS MCU
R5F64206JFB RENESAS-R5F64206JFB Datasheet
1Mb / 103P
   RENESAS MCU
R5F21321DNSP RENESAS-R5F21321DNSP Datasheet
514Kb / 46P
   RENESAS MCU
R5F21354DNFP RENESAS-R5F21354DNFP Datasheet
428Kb / 46P
   RENESAS MCU
R5F21346WJFP RENESAS-R5F21346WJFP Datasheet
623Kb / 70P
   RENESAS MCU
M16C5M RENESAS-M16C5M Datasheet
1,001Kb / 159P
   RENESAS MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com