Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

R5F2M110ANSP Datasheet(PDF) 15 Page - Renesas Technology Corp

Part No. R5F2M110ANSP
Description  RENESAS MCU
Download  48 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RENESAS [Renesas Technology Corp]
Homepage  http://www.renesas.com
Logo 

R5F2M110ANSP Datasheet(HTML) 15 Page - Renesas Technology Corp

Zoom Inzoom in Zoom Outzoom out
 15 / 48 page
background image
R8C/M11A Group, R8C/M12A Group
3. Address Space
Under development Preliminary document
Specifications in this document are tentative and subject to change.
R01DS0010EJ0010 Rev.0.10
Page 15 of 45
Aug 25, 2010
3.2
Special Function Registers (SFRs)
An SFR (special function register) is a control register for a peripheral function. Tables 3.1 to 3.8 list the SFR
Information. Table 3.9 lists the ID Code Area and Option Function Select Area.
Notes:
1. The blank areas are reserved. No access is allowed.
2. The MSTINI bit in the OFS2 register is 0.
3. The MSTINI bit in the OFS2 register is 1.
4. The CSPROINI bit in the OFS register is 0.
5. The CSPROINI bit in the OFS register is 1.
Table 3.1
SFR Information (1) (1)
Address
Register Name
Symbol
After Reset
00000h
00001h
00002h
00003h
00004h
00005h
00006h
00007h
00008h
00009h
0000Ah
0000Bh
0000Ch
0000Dh
0000Eh
0000Fh
00010h
Processor Mode Register 0
PM0
00h
00011h
00012h
Module Standby Control Register
MSTCR
00h (2)
01110111b (3)
00013h
Protect Register
PRCR
00h
00014h
00015h
00016h
Hardware Reset Protect Register
HRPR
00h
00017h
00018h
00019h
0001Ah
0001Bh
0001Ch
0001Dh
0001Eh
0001Fh
00020h
External Clock Control Register
EXCKCR
00h
00021h
On-Chip Oscillator Control Register
OCOCR
00h
00022h
System Clock f Control Register
SCKCR
00h
00023h
System Clock f Select Register
PHISEL
00h
00024h
Clock Stop Control Register
CKSTPR
00h
00025h
Clock Control Register When Returning
CKRSCR
00h
00026h
Oscillation Stop Detection Register
BAKCR
00h
00027h
00028h
00029h
0002Ah
0002Bh
0002Ch
0002Dh
0002Eh
0002Fh
00030h
Reset Interrupt Select Register
RISR
10000000b (4)
00h (5)
00031h
Watchdog Timer Reset Register
WDTR
FFh
00032h
Watchdog Timer Start Register
WDTS
FFh
00033h
Watchdog Timer Control Register
WDTC
01000000b
00034h
Count Source Protection Mode Register
CSPR
10000000b (4)
00h (5)
00035h
Watchdog Timer Interrupt Control Register
WDTIR
00h
00036h
00037h
00038h
External Input Enable Register
INTEN
00h
00039h


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48 


Datasheet Download




Link URL
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
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn