Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R5F21355CNFP Datasheet(PDF) 54 Page - Renesas Technology Corp

Part # R5F21355CNFP
Description  RENESAS MCU
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F21355CNFP Datasheet(HTML) 54 Page - Renesas Technology Corp

Back Button R5F21355CNFP Datasheet HTML 49Page - Renesas Technology Corp R5F21355CNFP Datasheet HTML 50Page - Renesas Technology Corp R5F21355CNFP Datasheet HTML 51Page - Renesas Technology Corp R5F21355CNFP Datasheet HTML 52Page - Renesas Technology Corp R5F21355CNFP Datasheet HTML 53Page - Renesas Technology Corp R5F21355CNFP Datasheet HTML 54Page - Renesas Technology Corp R5F21355CNFP Datasheet HTML 55Page - Renesas Technology Corp R5F21355CNFP Datasheet HTML 56Page - Renesas Technology Corp R5F21355CNFP Datasheet HTML 57Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 54 / 57 page
background image
R8C/35C Group
Package Dimensions
R01DS0006EJ0100 Rev 1.00
Page 54 of 54
Aug. 24, 2010
Package Dimensions
Diagrams showing the latest package dimensions and mounting information are available in the “Packages” section of
the Renesas Electronics website.
INCLUDE TRIM OFFSET.
DIMENSION "*3" DOES NOT
NOTE)
DO NOT INCLUDE MOLD FLASH.
DIMENSIONS "*1" AND "*2"
1.
2.
Detail F
L1
L
Index mark
x
*3
*1
F
39
27
13
1
40
52
26
14
ZD
D
HD
bp
Terminal cross section
bp
b1
Previous Code
JEITA Package Code
RENESAS Code
PLQP0052JA-A
52P6A-A
MASS[Typ.]
0.3g
P-LQFP52-10x10-0.65
1.0
0.125
0.30
1.1
1.1
0.13
0.20
0.145
0.09
0.37
0.32
0.27
Max
Nom
Min
Dimension in Millimeters
Symbol
Reference
10.1
10.0
9.9
D
10.1
10.0
9.9
E
1.4
A2
12.2
12.0
11.8
12.2
12.0
11.8
1.7
A
0.15
0.1
0.05
0.65
0.5
0.35
L
x
c
0.65
e
0.10
y
HD
HE
A1
bp
b1
c1
ZD
ZE
L1
e
y
S
S


Similar Part No. - R5F21355CNFP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F21355CNFP RENESAS-R5F21355CNFP Datasheet
545Kb / 57P
   RENESAS MCU
More results

Similar Description - R5F21355CNFP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F21334TNFP RENESAS-R5F21334TNFP Datasheet
397Kb / 51P
   RENESAS MCU
R5F21386CNFP RENESAS-R5F21386CNFP Datasheet
537Kb / 57P
   RENESAS MCU
R5F2L357CNFP RENESAS-R5F2L357CNFP Datasheet
854Kb / 76P
   RENESAS MCU
32C8B RENESAS-32C8B Datasheet
1Mb / 69P
   RENESAS MCU
R8C33G RENESAS-R8C33G Datasheet
501Kb / 54P
   RENESAS MCU
R32C116A RENESAS-R32C116A Datasheet
819Kb / 102P
   RENESAS MCU
R5F64206JFB RENESAS-R5F64206JFB Datasheet
1Mb / 103P
   RENESAS MCU
R5F21321DNSP RENESAS-R5F21321DNSP Datasheet
514Kb / 46P
   RENESAS MCU
R5F21354DNFP RENESAS-R5F21354DNFP Datasheet
428Kb / 46P
   RENESAS MCU
R5F21346WJFP RENESAS-R5F21346WJFP Datasheet
623Kb / 70P
   RENESAS MCU
M16C5M RENESAS-M16C5M Datasheet
1,001Kb / 159P
   RENESAS MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com