Electronic Components Datasheet Search |
|
R5F21355CNFP Datasheet(PDF) 43 Page - Renesas Technology Corp |
|
R5F21355CNFP Datasheet(HTML) 43 Page - Renesas Technology Corp |
43 / 57 page R8C/35C Group 5. Electrical Characteristics R01DS0006EJ0100 Rev 1.00 Page 43 of 54 Aug. 24, 2010 Notes: 1. Value when the program ROM capacity of the product is 16 Kbytes to 32 Kbytes. 2. Value when the program ROM capacity of the product is 48 Kbytes to 128 Kbytes. Table 5.18 Electrical Characteristics (2) [3.3 V ≤ Vcc ≤ 5.5 V] (Topr = −20 to 85°C (N version) / −40 to 85°C (D version), unless otherwise specified.) Symbol Parameter Condition Standard Unit Min. Typ. Max. ICC Power supply current (VCC = 3.3 to 5.5 V) Single-chip mode, output pins are open, other pins are VSS High-speed clock mode XIN = 20 MHz (square wave) High-speed on-chip oscillator off Low-speed on-chip oscillator on = 125 kHz No division − 6.5 15 mA XIN = 16 MHz (square wave) High-speed on-chip oscillator off Low-speed on-chip oscillator on = 125 kHz No division − 5.3 12.5 mA XIN = 10 MHz (square wave) High-speed on-chip oscillator off Low-speed on-chip oscillator on = 125 kHz No division − 3.6 − mA XIN = 20 MHz (square wave) High-speed on-chip oscillator off Low-speed on-chip oscillator on = 125 kHz Divide-by-8 − 3.0 − mA XIN = 16 MHz (square wave) High-speed on-chip oscillator off Low-speed on-chip oscillator on = 125 kHz Divide-by-8 − 2.2 − mA XIN = 10 MHz (square wave) High-speed on-chip oscillator off Low-speed on-chip oscillator on = 125 kHz Divide-by-8 − 1.5 − mA High-speed on-chip oscillator mode XIN clock off High-speed on-chip oscillator on fOCO-F = 20 MHz Low-speed on-chip oscillator on = 125 kHz No division − 7.0 15 mA XIN clock off High-speed on-chip oscillator on fOCO-F = 20 MHz Low-speed on-chip oscillator on = 125 kHz Divide-by-8 − 3.0 − mA XIN clock off High-speed on-chip oscillator on fOCO-F = 4 MHz Low-speed on-chip oscillator on = 125 kHz Divide-by-16, MSTIIC = MSTTRD = MSTTRC = 1 − 1 − mA Low-speed on-chip oscillator mode XIN clock off High-speed on-chip oscillator off Low-speed on-chip oscillator on = 125 kHz Divide-by-8, FMR27 = 1, VCA20 = 0 − 90 400 µA Low-speed clock mode XIN clock off High-speed on-chip oscillator off Low-speed on-chip oscillator off XCIN clock oscillator on = 32 kHz No division, FMR27 = 1, VCA20 = 0 − 85 400 µA XIN clock off High-speed on-chip oscillator off Low-speed on-chip oscillator off XCIN clock oscillator on = 32 kHz No division, Program operation on RAM Flash memory off, FMSTP = 1, VCA20 = 0 − 47 −µA Wait mode XIN clock off High-speed on-chip oscillator off Low-speed on-chip oscillator on = 125 kHz While a WAIT instruction is executed Peripheral clock operation VCA27 = VCA26 = VCA25 = 0 VCA20 = 1 − 15 100 µA XIN clock off High-speed on-chip oscillator off Low-speed on-chip oscillator on = 125 kHz While a WAIT instruction is executed Peripheral clock off VCA27 = VCA26 = VCA25 = 0 VCA20 = 1 − 490 µA XIN clock off High-speed on-chip oscillator off Low-speed on-chip oscillator off XCIN clock oscillator on = 32 kHz (peripheral clock off) While a WAIT instruction is executed VCA27 = VCA26 = VCA25 = 0 VCA20 = 1 − 3.5 −µA Stop mode XIN clock off, Topr = 25 °C High-speed on-chip oscillator off Low-speed on-chip oscillator off CM10 = 1, Peripheral clock off VCA27 = VCA26 = VCA25 = 0 − 2.0 5.0 µA XIN clock off, Topr = 85 °C High-speed on-chip oscillator off Low-speed on-chip oscillator off CM10 = 1, Peripheral clock off VCA27 = VCA26 = VCA25 = 0 − 5.0 (1) −µA 15 (2) |
Similar Part No. - R5F21355CNFP |
|
Similar Description - R5F21355CNFP |